Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT012A0X3-SRZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # PDT012A0X3-SRZ
Description  12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

PDT012A0X3-SRZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  PDT012A0X3-SRZ Datasheet HTML 1Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 2Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 3Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 4Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 5Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 6Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 7Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 8Page - Lineage Power Corporation PDT012A0X3-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Preliminary Data Sheet
September 22, 2011
12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
3Vdc –14.4Vdc input; 0.45Vdc to 5.5Vdc output; 12A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS10-009 ver. 0.35
# The PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)
PDF name: PDT012A0X.pdf
Features
Compliant to RoHS EU Directive 2002/95/EC (Z
versions)
Compatible in a Pb-free or SnPb reflow
environment (Z versions)
Compliant to IPC-9592 (September 2008),
Category 2, Class II
DOSA based
Wide Input voltage range (3Vdc-14.4Vdc)
Output voltage programmable from 0.45Vdc to
5.5Vdc via external resistor and PMBus
TM #
Digital interface through the PMBus
TM # protocol
Tunable Loop
TM to op timize dynamic output
voltage response
Flexible output voltage sequencing EZ-
SEQUENCE
Power Good signal
Fixed switching frequency with capability of
external synchronization
Output overcurrent protection (non-latching)
Overtemperature protection
Remote On/Off
Ability to sink and source current
Cost efficient open frame design
Small size: 12.2 mm x 12.2 mm x 8.5 mm
(0.48 in x 0.48 in x 0.335 in)
Wide operating temperature range [-40°C to 85°C]
UL* 60950-1Recognized, CSA
C22.2 No.
60950-1-03 Certified, and VDE
0805:2001-12
(EN60950-1) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Industrial equipment
Description
The 12A Digital Pico DLynx
TM power modules are non-isolated dc-dc converters that can deliver up to 12A of output
current. These modules operate over a wide range of input voltage (VIN = 3Vdc-14.4Vdc) and provide a precisely
regulated output voltage from 0.45Vdc to 5.5Vdc, programmable via an external resistor and PMBus control.
Features include a digital interface using the PMBus protocol, remote On/Off, adjustable output voltage, over current
and overtemperature protection. The PMBus interface supports a range of commands to both control and monitor
the module. The module also includes the Tunable Loop
TM feature that allows the user to optimize the dynamic
response of the converter to match the load with reduced amount of output capacitance leading to savings on cost
and PWB area.
TRIM
VOUT
VS+
GND
RTUNE
CTUNE
RTrim
VIN
Co
Cin
Vout+
Vin+
ON/OFF
SEQ
MODULE
PGOOD
SMBALRT#
SIG_GND
ADDR1
RADDR0
CLK
DATA
ADDR0
VS-
RADDR1
GND
SYNC
RoHS Compliant


Similar Part No. - PDT012A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT012A0X3-SRZ LINEAGEPOWER-PDT012A0X3-SRZ Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
More results

Similar Description - PDT012A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXH006A0X-SRZ_0910 LINEAGEPOWER-APXH006A0X-SRZ_0910 Datasheet
555Kb / 23P
   Pico TLynx 6A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com