Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESTW025A0F4Z Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # ESTW025A0F4Z
Description  ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW025A0F4Z Datasheet(HTML) 4 Page - Lineage Power Corporation

  ESTW025A0F4Z Datasheet HTML 1Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 2Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 3Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 4Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 5Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 6Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 7Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 8Page - Lineage Power Corporation ESTW025A0F4Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet
October 11, 2011
ESTW025A0F Series Eighth-Brick Power Modules
36–75Vdc Input; 3.3Vdc Output; 25A Output
LINEAGE POWER
4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
0.15
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
0.6
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
2.4
15.0
Vdc
Logic High maximum allowable leakage current
All
Ion/off
25
μA
Turn-On Delay
1 and Rise Times
(IO=IO, max , VIN=VIN, nom, TA = 25
oC)
Case 1: Input power is applied for >1 second and then
the On/Off input is set to ON (Tdelay = time from instant
On/Off signal is ON until VO = 10% of VO, set)
All
Tdelay
12
msec
Case 2: On/Off input is set to Logic Low (Module
ON) and then input power is applied (Tdelay = time
at which VIN = VIN, min until Vo=10% of VO,set)
All
Tdelay
20
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
4
msec
Output voltage overshoot – Startup
All
5
% VO, set
IO= IO, max; VIN=VIN, min to VIN, max, TA = 25
oC
Prebias Output Load Performance:
Output Start up characteristic
All
Monotonic
Back Bias current drawn from output (Module Enabled)
All
-15
mAdc
Remote Sense Range
All
VSENSE
10
% VO, set
Output Voltage Adjustment Range
All
-20
+10
% VO, set
Output Overvoltage Protection (CO=470μF)
2
All
VO, limit
3.9
5.1
Vdc
Overtemperature Protection – Hiccup Auto Restart
All
Tref
125
OC
Input Undervoltage Lockout
All
VUVLO
Turn-on Threshold
34.0
35.5
Vdc
Turn-off Threshold
30.5
32.0
Vdc
Hysteresis
1.0
2.0
Vdc
1.
The module has an adaptable extended Turn-On Delay interval, Tdelay, of 25mS. The extended Tdelay will occur when the module restarts
following the rapid cycling of Vin from normal levels to less than the Input Undervoltage Lockout (which causes module shutdown), and
then back to normal.
2.
The module requires a minimum of 470 μF external output capacitor to prevent shutdown during full load to no load transients and to avoid
exceeding the OVP maximum limits during startup into open loop fault conditions.


Similar Part No. - ESTW025A0F4Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-HZ LINEAGEPOWER-ESTW004A2C41-HZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-SZ LINEAGEPOWER-ESTW004A2C41-SZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41Z LINEAGEPOWER-ESTW004A2C41Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C841Z LINEAGEPOWER-ESTW004A2C841Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW025A0F4Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F LINEAGEPOWER-ESTW015A0F_11 Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW010A0A LINEAGEPOWER-ESTW010A0A Datasheet
1Mb / 19P
   ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
EHHD006A0B41Z LINEAGEPOWER-EHHD006A0B41Z Datasheet
1Mb / 19P
   EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com