Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBVW033A0B1-HZ Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # QBVW033A0B1-HZ
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B1-HZ Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button QBVW033A0B1-HZ Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 9Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 10Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 11Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 12Page - Lineage Power Corporation QBVW033A0B1-HZ Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
9
Feature Descriptions (continued)
Remote Sense (“9” Option Code)
Remote sense minimizes the effects of distribution losses
by regulating the voltage at the remote-sense connections
(See Figure 15). The SENSE(-) pin should be always
connected to VO(–).The voltage between the remote-sense
pins and the output terminals must not exceed the output
voltage sense range given in the Feature Specifications
table:
[VO(+) – VO(–)] – [SENSE(+) ]  0.5 V
Although the output voltage can be increased by both the
remote sense and by the trim, the maximum increase for
the output voltage is not the sum of both. The maximum
increase is the larger of either the remote sense or the trim.
The amount of power delivered by the module is defined as
the voltage at the output terminals multiplied by the output
current. When using remote sense and trim, the output
voltage of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power (Maximum rated power = Vo,set x
Io,max).
Figure 15. Circuit Configuration for remote sense.
Trim, Output Voltage Adjust (“9” Option Code)
Trimming allows the output voltage set point to be
increased or decreased; this is accomplished by
connecting an external resistor between the TRIM pin and
either the VO(+) pin or the VO(-) pin.
VO(+)
TRIM
VO(-)
Rtrim-down
LOAD
QBVW033A0
Rtrim-up
Figure 16. Circuit Configuration to Trim Output
Voltage.
Connecting an external resistor (Rtrim-down) between the
TRIM pin and the Vo(-) (or Sense(-)) pin decreases the
output voltage set point. To maintain set point accuracy,
the trim resistor tolerance should be ±1.0%.
The following equation determines the required external
resistor value to obtain a percentage output voltage change
of Δ%



22
.
10
%
511
down
trim
R
Where
100
%
,
,
set
o
desired
set
o
V
V
V
For example, to trim-down the output voltage of the 12V
nominal module by 20% to 9.6V, Rtrim-down is calculated
as follows:
20
%



22
.
10
20
511
down
trim
R
k
R
down
trim
3
.
15
Connecting an external resistor (Rtrim-up) between the TRIM
pin and the VO(+) (or Sense (+)) pin increases the output
voltage set point. The following equations determine the
required external resistor value to obtain a percentage
output voltage change of Δ%:

22
.
10
%
511
%
225
.
1
%)
100
(
11
.
5
, set
o
up
trim
V
R
Where
100
%
,
,
set
o
set
o
desired
V
V
V
For example, to trim-up the output voltage of the 12V
module by 5% to 12.6V, Rtrim-up is calculated is as follows:
5
%



22
.
10
5
511
5
225
.
1
)
5
100
(
0
.
12
11
.
5
up
trim
R

8
.
938
up
trim
R
The voltage between the Vo(+) and Vo(–) terminals must
not exceed the minimum output overvoltage protection
value shown in the Feature Specifications table. This limit
includes any increase in voltage due to remote-sense
compensation and output voltage set-point adjustment trim.
Although the output voltage can be increased by both the
remote sense and by the trim, the maximum increase for
the output voltage is not the sum of both. The maximum
increase is the larger of either the remote sense or the trim.
The amount of power delivered by the module is defined as
the voltage at the output terminals multiplied by the output
current. When using remote sense and trim, the output
voltage of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power (Maximum rated power = VO,set x
IO,max).


Similar Part No. - QBVW033A0B1-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B1-PHZ LINEAGEPOWER-QBVW033A0B1-PHZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B1-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com