Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM55C56 Datasheet(PDF) 5 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM55C56
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM55C56 Datasheet(HTML) 5 Page - Yangzhou yangjie electronic co., ltd

  ZMM55C56 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM55C56 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM55C56 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM55C56 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd ZMM55C56 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0245
Rev. 1.0, 22-Sep-11
www.21yangjie.com
ZMM55 SERIES
■特性曲线(典型) Characteristics(Typical)
15
35
0
Vz(V)
7:齐纳电流与齐纳电压 的关系
FIG 7: Z-Current vs. Z-Voltage
50
25
20
30
40
30
20
10
Ptot=500m W
Tam b=25℃
025
1
Vz(V)
8:不同齐纳阻抗与齐纳电压的关系
FIG8:Differential Z-Resistance vs. Z-Voltage
1000
10
100
510
15
20
Tj=25℃
5mA
10mA
Iz=1mA


Similar Part No. - ZMM55C56

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZMM55C56 WEITRON-ZMM55C56 Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
ZMM55C56 SECOS-ZMM55C56 Datasheet
376Kb / 2P
   Surface Mount Zener Dio de
logo
Shanghai Shunye Electro...
ZMM55C56 SY-ZMM55C56 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diotech Company.
ZMM55C56 DIOTECH-ZMM55C56 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM55C56 SHUNYE-ZMM55C56 Datasheet
316Kb / 3P
   ZENER DIODES
More results

Similar Description - ZMM55C56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com