Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBVW033A0B641-HZ Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QBVW033A0B641-HZ
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B641-HZ Datasheet(HTML) 3 Page - Lineage Power Corporation

  QBVW033A0B641-HZ Datasheet HTML 1Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 2Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 3Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 4Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B641-HZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=16.5A, TA =25°C)
All
VO, set
11.97
12.00
12.03
Vdc
Output Voltage
(Over all operating input voltage (40V to 75V), resistive
load, and temperature conditions until end of life)
All w/o -P
VO
11.76
12.24
Vdc
-P Option
VO
11.63
12.37
Vdc
Output Regulation [VIN, min = 40V]
Line (VIN= VIN, min to VIN, max)
All
0.2
% VO, set
Load (IO=IO, min to IO, max)
All w/o -P
0.2
% VO, set
Load (IO=IO, min to IO, max), Intentional Droop
-P Option
0.50
Vdc
Temperature (TA = -40ºC to +85ºC)
All
2
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
200
mVpk-pk
External Output Capacitance
For CO >5000uF, IO must be < 50% IO, max during Trise.
All
CO, max
0
10,000
μF
Output Current
All
IO
0
33
Adc
Output Current Limit Inception
All
IO,lim
40
Adc
Efficiency
VIN=VIN, nom, TA=25°C
IO=100% IO, max, VO= VO,set
All
95.5
IO=40% IO, max to 75% IO, max , VO= VO,set
All
η
96.0
%
Switching Frequency
fsw
150
kHz
Dynamic Load Response
dIO/dt=1A/10s; Vin=Vin,nom; TA=25°C;
(Tested with a 1.0μF ceramic, a 10μF tantalum, and
470μF capacitor and across the load.)
Load Change from IO = 50% to 75% of IO,max:
Peak Deviation
Settling Time (VO <10% peak deviation)
All
Vpk
ts
__
500
700
__
mVpk
s
Load Change from IO = 75% to 50% of IO,max:
Peak Deviation
Settling Time (VO <10% peak deviation)
All
Vpk
ts
__
__
500
700
__
mVpk
s
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Symbol
Device
Typ
Unit
Calculated Reliability Based upon Telcordia SR-332
Issue 2: Method I, Case 3, (IO=80%IO, max, TA=40°C,
Airflow = 200 LFM), 90% confidence
MTBF
All
3,108,685
Hours
FIT
All
321.7
10
9/Hours
Weight – Open Frame
47.4 (1.67)
g (oz.)
Weight – with Base plate option
66.4 (2.34)
g (oz.)


Similar Part No. - QBVW033A0B641-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B641-HZ LINEAGEPOWER-QBVW033A0B641-HZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B641-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com