Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBVW033A0B941-HZ Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # QBVW033A0B941-HZ
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B941-HZ Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button QBVW033A0B941-HZ Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 9Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 10Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 11Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 12Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 13Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 14Page - Lineage Power Corporation QBVW033A0B941-HZ Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
September 23, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
11
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 23. Output Current Derating for the Base
plate QBVW033A0B-H with 1.0” heatsink in the
Transverse Orientation; Airflow Direction from
Vin(+) to Vin(-); Vin = 48V.
Layout Considerations
The QBVW033 power module series are low profile in
order to be used in fine pitch system card
architectures. As such, component clearance
between the bottom of the power module and the
mounting board is limited. Avoid placing copper
areas on the outer layer directly underneath the
power module. Also avoid placing via interconnects
underneath the power module.
For additional layout guide-lines, refer to
FLTR100V10 Data Sheet.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant, Z version, through-hole
products use the SAC (Sn/Ag/Cu) Pb-free solder and
RoHS-compliant components. The module is
designed to be processed through single or dual wave
soldering machines. The pins have a RoHS-
compliant, pure tin finish that is compatible with both
Pb and Pb-free wave soldering processes. A
maximum preheat rate of 3
C/s is suggested. The
wave preheat process should be such that the
temperature of the power module board is kept below
210
C. For Pb solder, the recommended pot
temperature is 260
C, while the Pb-free solder pot is
270
C max.
Reflow Lead-Free Soldering
Information
The RoHS-compliant through-hole products can be
processed with the following paste-through-hole Pb or
Pb-free reflow process.
Max. sustain temperature :
245
C (J-STD-020C Table 4-2: Packaging
Thickness>=2.5mm / Volume > 2000mm
3),
Peak temperature over 245
C is not suggested due
to the potential reliability risk of components under
continuous high-temperature.
Min. sustain duration above 217
C : 90 seconds
Min. sustain duration above 180
C : 150 seconds
Max. heat up rate: 3
C/sec
Max. cool down rate: 4
C/sec
In compliance with JEDEC J-STD-020C spec for 2
times reflow requirement.
Pb-free Reflow Profile
BMP module will comply with J-STD-020 Rev. C
(Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices) for
both Pb-free solder profiles and MSL classification
procedures. BMP will comply with JEDEC J-STD-
020C specification for 3 times reflow requirement. The
suggested Pb-free solder paste is Sn/Ag/Cu (SAC).
The recommended linear reflow profile using
Sn/Ag/Cu solder is shown in Figure 24.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 21. Output Current Derating for the Base
plate QBVW033A0B-H with 0.25” heatsink in the
Transverse Orientation; Airflow Direction from
Vin(+) to Vin(-); Vin = 48V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 22. Output Current Derating for the Base
plate QBVW033A0B-H with 0.5” heatsink in the
Transverse Orientation; Airflow Direction from
Vin(+) to Vin(-); Vin = 48V.


Similar Part No. - QBVW033A0B941-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B1-PHZ LINEAGEPOWER-QBVW033A0B1-PHZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B41-HZ LINEAGEPOWER-QBVW033A0B41-HZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B41-PHZ LINEAGEPOWER-QBVW033A0B41-PHZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B541-PZ LINEAGEPOWER-QBVW033A0B541-PZ Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B941-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com