Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM55C75 Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM55C75
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM55C75 Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  ZMM55C75 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM55C75 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM55C75 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM55C75 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd ZMM55C75 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0245
Rev. 1.0, 22-Sep-11
www.21yangjie.com
ZMM55 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25℃ unless otherwise noted)
ZMM55B..
齐纳电压范围
Zener voltage
range
动态电阻
Dynamic resistance
测试电流
Test current
温度系数
Temperature
Coefficient
测试电流
Test current
反向漏电流
Reverse leakage current
VZ at IZT
RZJT at IZT
RZJK at IZT
IZT
TKVZ
IZK
IR
IR
(1)
at VR
V
mA
%
/K
mA
μA
V
产品型号
Part Number
Min.
Max.
Min.
Max.
ZMM55B2V4
2.35
2.45
< 85
< 600
5
- 0.09
- 0.06
1
< 50
< 100
1
ZMM55B2V7
2.64
2.76
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
ZMM55B3V0
2.94
3.06
< 90
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
ZMM55B3V3
3.24
3.36
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
ZMM55B3V6
3.52
3.68
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
ZMM55B3V9
3.82
3.98
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
ZMM55B4V3
4.22
4.38
< 90
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
ZMM55B4V7
4.6
4.8
< 80
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
ZMM55B5V1
5
5.2
< 60
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
ZMM55B5V6
5.48
5.72
< 40
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
ZMM55B6V2
6.08
6.32
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
ZMM55B6V8
6.66
6.94
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
ZMM55B7V5
7.35
7.65
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
ZMM55B8V2
8.04
8.36
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
ZMM55B9V1
8.92
9.28
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
ZMM55B10
9.8
10.2
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
ZMM55B11
10.78
11.22
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
ZMM55B12
11.76
12.24
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
ZMM55B13
12.74
13.26
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
ZMM55B15
14.7
15.3
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
ZMM55B16
15.7
16.3
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
ZMM55B18
17.64
18.36
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
ZMM55B20
19.6
20.4
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
ZMM55B22
21.55
22.45
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
ZMM55B24
23.5
24.5
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
ZMM55B27
26.4
27.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
ZMM55B30
29.4
30.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
ZMM55B33
32.4
33.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
ZMM55B36
35.3
36.7
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
ZMM55B39
38.2
39.8
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
ZMM55B43
42.1
43.9
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
ZMM55B47
46.1
47.9
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
ZMM55B51
50
52
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
ZMM55B56
54.9
57.1
< 135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
ZMM55B62
60.8
63.2
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
ZMM55B68
66.6
69.4
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
ZMM55B75
73.5
76.5
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56
备注:Notes:
额外的测量,电压档
ZMM55B9V1至ZMM55B75,其漏电流IR在95%VZmin≤35nA,在Tj =25℃。
Additional measurement of voltage group ZMM55B9V1 to ZMM55B75,IR at 95% VZmin ≤35nA at Tj=25℃
1) Tj=150℃


Similar Part No. - ZMM55C75

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZMM55C75 WEITRON-ZMM55C75 Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
ZMM55C75 SY-ZMM55C75 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diotech Company.
ZMM55C75 DIOTECH-ZMM55C75 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM55C75 SHUNYE-ZMM55C75 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
ZMM55C75 CHENDA-ZMM55C75 Datasheet
692Kb / 3P
   ZENER DIODES
More results

Similar Description - ZMM55C75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com