Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2SB05 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB05
Description  Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB05 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  D2SB05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F10
RATINGS AND CHARACTERISTIC CURVES (D2SB05 THRU D2SB80)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
0.5
1
1.5
2
2.5
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160
AMBIENT TEMPERATURE (
oC)
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
20
30
40
50
60
70
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
600
0.1
1
10
100
1000
REVERSE VOLTAGE(V)
TA=25℃
FIG. 5 TYPICAL FORWARD CHARACTERISRICS
PER BRIDGE ELEMENT
0.01
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
FORWARD VOLTAGE (V)
TA=25℃
PULSE WIDTH-300uS
1% DUTY CYCLE


Similar Part No. - D2SB05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
240Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers GBL
D2SB05 TSC-D2SB05 Datasheet
194Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
logo
SUNMATE electronic Co.,...
D2SB05 SUNMATE-D2SB05 Datasheet
459Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
   2.0A BRIDGE RECTIFIER
More results

Similar Description - D2SB05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR2KB60 TSC-UR2KB60_11 Datasheet
212Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBP2005 YANGJIE-GBP2005 Datasheet
272Kb / 2P
   SINGLE PHASE 2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G Datasheet
129Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_11 Datasheet
137Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
DBL201G TSC-DBL201G_11 Datasheet
133Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Chongqing Pingwei Enter...
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
   2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com