Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3RI Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DB3RI
Description  150mW Bi-directional Trigger Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DB3RI Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DB3RI Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DB3RI Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DB3RI Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB3-DB3TG
150mW Bi-directional Trigger Diode
Small Signal Diode
Electrical Characteristics
Min.
Typ.
Max.
Break-over Voltage Symmetry
C=
22nF
+ / -VBO
Max.
Break-over Current
C=
22nF
IBO
Max.
Dynamic Breakover Voltage
IBO to IF=10mA
ΔV
Min.
VB=
IB
Max.
Output Voltage
VO
Min.
Tape & Reel specification
μA
100
Symbol
V
Units
+ / - 2
28
30
Item
Symbol
Dimension(mm)
Leakage Current
10
V
5
μA
*see diagram 1
Overall width
A
64+1.69/-0.69
Tape spacing
B
52.0+/-0.69
Component Pitch
C
5.08+/-0.40
Untaped lead
L1-L2
+/-0.69
Bent
K
1.2 Max
Tape Mismatch
E
0.55(MAX)
Glass offset
F
0.69(MAX)
Taped lead
G
3.2Min
lead beyond tape
H
0
Reel outside diameter
D
260+/-3
Type Number
0.5VBO (MAX)
DB3TG
DB3
+ / - 3
Break-over Voltage
15
34
Reel width
W1
72+3/-1
Reel inner diameter
D1
48+/-1
Feed hole width
D2
20+/-0.5
59
V
C=
22nF
VBO
V
32
32
36
E
L2
L1
F
G
H
B
A
C
K
W1
D1
D2
D
Version : D10


Similar Part No. - DB3RI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB3RI TSC-DB3RI Datasheet
85Kb / 2P
   150mW Bi-directional Trigger Diode
More results

Similar Description - DB3RI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3 Datasheet
85Kb / 2P
   150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_14 Datasheet
171Kb / 5P
   150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
   150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
   150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
   150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
   150mW Bi-directional Trigger Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
   150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
TESDE5V0 TSC-TESDE5V0_09 Datasheet
85Kb / 2P
   150mW,Bi-directional ESD Protection Diode
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com