Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC18A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC18A
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC18A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC18A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC18A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC18A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC18A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
1.5SMC6.8
DDJ
6.12
7.48
10
5.50
1000
145
10.8
0.057
1.5SMC6.8A
DEJ
6.46
7.14
10
5.80
1000
150
10.5
0.057
1.5SMC7.5
DFJ
6.75
8.25
10
6.05
500
134
11.7
0.061
1.5SMC7.5A
DGJ
7.13
7.88
10
6.40
500
139
11.3
0.061
1.5SMC8.2
DHJ
7.38
9.02
10
6.63
200
126
12.5
0.065
1.5SMC8.2A
DKJ
7.79
8.61
10
7.02
200
130
12.1
0.065
1.5SMC9.1
DLJ
8.19
10.00
1.0
7.37
50
114
13.8
0.068
1.5SMC9.1A
DMJ
8.65
9.55
1.0
7.78
50
117
13.4
0.068
1.5SMC10
DNJ
9.00
11.00
1.0
8.10
10
105
15.0
0.073
1.5SMC10A
DPJ
9.50
10.5
1.0
8.55
10
108
14.5
0.073
1.5SMC11
DQJ
9.90
12.1
1.0
8.92
5.0
97
16.2
0.075
1.5SMC11A
DRJ
10.5
11.6
1.0
9.40
5.0
100
15.6
0.075
1.5SMC12
DSJ
10.8
13.2
1.0
9.72
5.0
91
17.3
0.078
1.5SMC12A
DTJ
11.4
12.6
1.0
10.2
5.0
94
16.7
0.078
1.5SMC13
DUJ
11.7
14.3
1.0
10.5
5.0
82
19.0
0.081
1.5SMC13A
DVJ
12.4
13.7
1.0
11.1
5.0
86
18.2
0.081
1.5SMC15
DWJ
13.5
16.5
1.0
12.1
5.0
71
22.0
0.084
1.5SMC15A
DXJ
14.3
15.8
1.0
12.8
5.0
74
21.2
0.084
1.5SMC16
DYJ
14.4
17.6
1.0
12.9
5.0
67
23.5
0.086
1.5SMC16A
DZJ
15.2
16.8
1.0
13.6
5.0
70
22.5
0.086
1.5SMC18
EDJ
16.2
19.8
1.0
14.5
5.0
59
26.5
0.088
1.5SMC18A
EEJ
17.1
18.9
1.0
15.3
5.0
60
25.5
0.088
1.5SMC20
EFJ
18.0
22.0
1.0
16.2
5.0
54
29.1
0.090
1.5SMC20A
EGJ
19.0
21.0
1.0
17.1
5.0
56
27.7
0.090
1.5SMC22
EHJ
19.8
24.2
1.0
17.8
5.0
49
31.9
0.092
1.5SMC22A
EKJ
20.9
23.1
1.0
18.8
5.0
51
30.6
0.092
1.5SMC24
ELJ
21.6
26.4
1.0
19.4
5.0
45
34.7
0.094
1.5SMC24A
EMJ
22.8
25.2
1.0
20.5
5.0
47
33.2
0.094
1.5SMC27
ENJ
24.3
29.7
1.0
21.8
5.0
40
39.1
0.096
1.5SMC27A
EPJ
25.7
28.4
1.0
23.1
5.0
42
37.5
0.096
1.5SMC30
EQJ
27.0
33.0
1.0
24.3
5.0
36
43.5
0.097
1.5SMC30A
ERJ
28.5
31.5
1.0
25.6
5.0
38
41.4
0.097
1.5SMC33
ESJ
29.7
36.3
1.0
26.8
5.0
33
47.7
0.098
1.5SMC33A
ETJ
31.4
34.7
1.0
28.2
5.0
34
45.7
0.098
1.5SMC36
EUJ
32.4
39.6
1.0
29.1
5.0
30
52.0
0.099
1.5SMC36A
EVJ
34.2
37.8
1.0
30.8
5.0
31
49.9
0.099
1.5SMC39
EWJ
35.1
42.9
1.0
31.6
5.0
27
56.4
0.100
1.5SMC39A
EXJ
37.1
41.0
1.0
33.3
5.0
29
53.9
0.100
1.5SMC43
EYJ
38.7
47.3
1.0
34.8
5.0
25
61.9
0.101
1.5SMC43A
EZJ
40.9
45.2
1.0
36.8
5.0
26
59.3
0.101
1.5SMC47
FDJ
42.3
51.7
1.0
38.1
5.0
23
67.8
0.101
1.5SMC47A
FEJ
44.7
49.4
1.0
40.2
5.0
24
64.8
0.101
1.5SMC51
FFJ
45.9
56.1
1.0
41.3
5.0
21
73.5
0.102
1.5SMC51A
FGJ
48.5
53.6
1.0
43.6
5.0
22
70.1
0.102
1.5SMC56
FHJ
50.4
61.6
1.0
45.4
5.0
19
80.5
0.103
1.5SMC56A
FKJ
53.2
58.8
1.0
47.8
5.0
20
77.0
0.103
1.5SMC62
FLJ
55.8
68.2
1.0
50.2
5.0
17
89.0
0.104
1.5SMC62A
FMJ
58.9
65.1
1.0
53.0
5.0
18
85.0
0.104
1.5SMC68
FNJ
61.2
74.8
1.0
55.1
5.0
16
98.0
0.104
1.5SMC68A
FPJ
64.6
71.4
1.0
58.1
5.0
17
92.0
0.104
1.5SMC75
FQJ
67.5
82.5
1.0
60.7
5.0
14
108
0.105
1.5SMC75A
FRJ
71.3
78.8
1.0
64.1
5.0
15
103
0.105
1.5SMC82
FSJ
73.8
90.2
1.0
66.4
5.0
13
118
0.105
1.5SMC82A
FTJ
77.9
86.1
1.0
70.1
5.0
13.9
113
0.105
1.5SMC91
FUJ
81.9
100
1.0
73.7
5.0
12
131
0.106
1.5SMC91A
FVJ
86.5
95.5
1.0
77.8
5.0
12.6
125
0.106
Version:F11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)
GENERAL
PART
NUMBER


Similar Part No. - 1.5SMC18A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1.5SMC18A BOURNS-1.5SMC18A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Central Semiconductor C...
1.5SMC18A CENTRAL-1.5SMC18A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Nantong Hornby Electron...
1.5SMC18A HORNBY-1.5SMC18A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC18A VISHAY-1.5SMC18A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
1.5SMC18A VISHAY-1.5SMC18A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC18A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0_1 Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com