Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC24A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC24A
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC24A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC24A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC24A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC24A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC24A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
1.5SMC100
FWJ
90
110
1.0
81.0
5.0
10.9
144
0.106
1.5SMC100A
FXJ
95
105
1.0
85.5
5.0
11.4
137
0.106
1.5SMC110
FYJ
99
121
1.0
89.2
5.0
9.9
158
0.107
1.5SMC110A
FZJ
105
116
1.0
94.0
5.0
10.3
152
0.107
1.5SMC120
GDJ
108
132
1.0
97.2
5.0
9.1
173
0.107
1.5SMC120A
GEJ
114
126
1.0
102.0
5.0
9.5
165
0.107
1.5SMC130
GFJ
117
143
1.0
105.0
5.0
8.4
187
0.107
1.5SMC130A
GGJ
124
137
1.0
111.0
5.0
8.7
179
0.107
1.5SMC150
GHJ
135
165
1.0
121.0
5.0
7.3
215
0.108
1.5SMC150A
GKJ
143
158
1.0
128.0
5.0
7.6
207
0.108
1.5SMC160
GLJ
144
176
1.0
130.0
5.0
6.8
230
0.108
1.5SMC160A
GMJ
152
168
1.0
136.0
5.0
7.1
219
0.108
1.5SMC170
GNJ
153
187
1.0
138.0
5.0
6.4
244
0.108
1.5SMC170A
GPJ
162
179
1.0
145.0
5.0
6.7
234
0.108
1.5SMC180
GQJ
162
198
1.0
146.0
5.0
6.1
258
0.108
1.5SMC180A
GRJ
171
189
1.0
154.0
5.0
6.4
246
0.108
1.5SMC200
GSJ
180
220
1.0
162.0
5.0
5.4
287
0.108
1.5SMC200A
GTJ
190
210
1.0
171.0
5.0
5.7
274
0.108
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types 1.5SMC6.8 through 1.5SMC200A
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:F11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
GENERAL
PART
NUMBER
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - 1.5SMC24A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1.5SMC24A BOURNS-1.5SMC24A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Central Semiconductor C...
1.5SMC24A CENTRAL-1.5SMC24A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
1.5SMC24A VISHAY-1.5SMC24A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Nantong Hornby Electron...
1.5SMC24A HORNBY-1.5SMC24A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC24A VISHAY-1.5SMC24A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC24A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0_1 Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com