Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L08ACD Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC78L08ACD
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78L08ACD Datasheet(HTML) 6 Page - Motorola, Inc

  MC78L08ACD Datasheet HTML 1Page - Motorola, Inc MC78L08ACD Datasheet HTML 2Page - Motorola, Inc MC78L08ACD Datasheet HTML 3Page - Motorola, Inc MC78L08ACD Datasheet HTML 4Page - Motorola, Inc MC78L08ACD Datasheet HTML 5Page - Motorola, Inc MC78L08ACD Datasheet HTML 6Page - Motorola, Inc MC78L08ACD Datasheet HTML 7Page - Motorola, Inc MC78L08ACD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC78L00, A Series
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Dropout Characteristics
Figure 2. Dropout Voltage versus
Junction Temperature
Figure 3. Input Bias Current versus
Ambient Temperature
Figure 4. Input Bias Current
versus Input Voltage
Figure 5. Maximum Average Power Dissipation versus
Ambient Temperature – TO–92 Type Package
VI, INPUT VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
TJ, JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
Dropout of Regulation is
defined as when
VO = 2% of VO
TA, AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
VI, INPUT VOLTAGE (V)
0
5.0
10
15
20
25
30
35
40
TA, AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
No Heatsink
8.0
6.0
4.0
2.0
0
2.5
2.0
1.5
1.0
0.5
0
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
5.0
4.0
3.0
2.0
1.0
0
10,000
1000
100
10
MC78L05C
Vout = 5.0 V
TJ = 25°C
MC78L05C
Vout = 5.0 V
IO = 40 mA
TJ = 25°C
R
θJA = 200°C/W
PD(max) to 25°C = 625 mW
IO = 1.0 mA
IO = 40 mA
IO = 100 mA
IO = 70 mA
IO = 1.0 mA
IO = 40 mA
MC78L05C
VI = 10 V
VO= 5.0 V
IO = 40 mA
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
020
30
50
40
10
L, LENGTH OF COPPER (mm)
170
3.2
PD(max) for TA = 50°C
R
θJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
Figure 6. SOP–8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length


Similar Part No. - MC78L08ACD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L08ACD ONSEMI-MC78L08ACD Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Boca Semiconductor Corp...
MC78L08ACD BOCA-MC78L08ACD Datasheet
158Kb / 7P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L08ACD ONSEMI-MC78L08ACD Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L08ACD FAIRCHILD-MC78L08ACD Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78L08ACD FAIRCHILD-MC78L08ACD Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L08ACD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com