Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS5B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS5B
Description  5.0AMPS High Efficient Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS5B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS5B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS5B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (HS5A THRU HS5M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (
oC)
Resistive or
Inductive Load
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
0
100
200
300
1
10
100
1000
NUMBER OF CYCLES AT 60 Hz
FIG. 2- TYPICAL REVERSE
CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE (%)
TA=25℃
TA=100℃
FIG. 4- TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
HS5A-HS5G
HS5J-HS5M
FIG. 5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
TA=25℃
HS5A-HS5D
HS5G
HS5J-HS5M


Similar Part No. - HS5B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5B TSC-HS5B Datasheet
52Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5B TSC-HS5B Datasheet
248Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5B TSC-HS5B Datasheet
438Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5B LUGUANG-HS5B Datasheet
232Kb / 2P
   5.0AMPS High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS5B TSC-HS5B Datasheet
427Kb / 4P
   5.0AMPS High Efficient Surface Mount Rectifiers
More results

Similar Description - HS5B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5A TSC-HS5A_13 Datasheet
427Kb / 4P
   5.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5A LUGUANG-HS5A Datasheet
232Kb / 2P
   5.0AMPS High Efficient Surface Mount Rectifiers
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A_14 Datasheet
366Kb / 4P
   High Efficient Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
   High Efficient Surface Mount Rectifiers
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SE2A SEMTECH_ELEC-SE2A Datasheet
177Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
BYG23M TSC-BYG23M_14 Datasheet
382Kb / 4P
   High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com