Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU605G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU605G
Description  Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU605G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU605G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU605G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recoganized File #E-326243
High case dielectric strength
Typical IR less than 0.1uA
High surge current capability
Mechanical Data
KBU60XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
KBU
601G
KBU
602G
KBU
603G
KBU
604G
KBU
605G
KBU
606G
KBU
607G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2tA2S
Cj
pF
TJ
OC
TSTG
OC
8.6
3.1
High temperature soldering guaranteed:
260℃/10 seconds at 5 lbs.,(2.3kg) tension
Glass passivated junction
IF(AV)
6
IFSM
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208
Maximum Average Forward Rectified Current
@TA=65℃
Weight: 7.2 grams
Type Number
- 55 to + 150
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Mounting Torque: 5 in lbs max.
KBU601G - KBU607G
Marking Diagram
KBU
V
Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
Features
Ideal for printed circuit board
Plastic material has Underwriters Laboratory
flammability Classification 94V-0
Rating of fusing (t<8.3mS)
127
Version:F12
Case: Molded plastic body
Maximum DC Reverse Current
@TA=25℃
at Rated DC Blocking Voltage
@TA=125 ℃
IR
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
uA
5.0
500
Operating Temperature Range
Note 2 : Measured at 1MHz and applied Reverse Voltage of 4.0V D.C.
Storage Temperature Range
- 55 to + 150
Note 1 : Pulse Test with PW=300u sec, 1% Duty Cycle
OC/W
A
175
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
@ 6 A
VF
1.0
1.1
Typical Junction Capacitance per leg (Note 2)
400
Typical Thermal Resistance
RθJA
RθJC
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - KBU605G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU605G TSC-KBU605G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU605G TSC-KBU605G Datasheet
169Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU605G TSC-KBU605G Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU605G TSC-KBU605G Datasheet
206Kb / 4P
   Glass Passivated Bridge Rectifiers`
More results

Similar Description - KBU605G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL601G TSC-KBL601G Datasheet
146Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBU600 FCI-GBU600 Datasheet
127Kb / 2P
   6.0Amps Glass Passivated Single Phase Silico n Bridge
logo
Chongqing Pingwei Enter...
6A05G CHONGQING-6A05G_16 Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
6A1G CHONGQING-6A1G_16 Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com