Electronic Components Datasheet Search |
|
KBU805G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
KBU805G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page CREAT BY ART UL Recoganized File #E-326243 High case dielectric strength Typical IR less than 0.1uA High surge current capability Mechanical Data KBU80XG = Specific Device Code G = Green Compound Y = Year WW = Work Week Maximum Ratings and Electrical Characteristics Rating at 25 ℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol KBU 801G KBU 802G KBU 803G KBU 804G KBU 805G KBU 806G KBU 807G Units VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V I 2tA2S Cj pF TJ OC TSTG OC OC/W A 200 Maximum Instantaneous Forward Voltage (Note 1) @ 4 A @ 8 A VF 1.0 1.1 Typical Junction Capacitance per leg (Note 2) 400 Typical Thermal Resistance RθJA RθJC Note 2 : Measured at 1MHz and applied Reverse bias of 4.0V D.C. Storage Temperature Range - 55 to + 150 Note 1 : Pulse Test with PW=300u sec, 1% Duty Cycle Version:F12 Case: Molded plastic body Maximum DC Reverse Current @ TA=25 ℃ at Rated DC Blocking Voltage @ TA=125 ℃ IR Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage uA 5 500 Operating Temperature Range KBU801G - KBU807G Marking Diagram V Single Phase 8.0AMPS. Glass Passivated Bridge Rectifiers Features Ideal for printed circuit board Plastic material has Underwriters Laboratory flammability Classification 94V-0 Rating of fusing (t<8.3mS) 166 Maximum Average Forward Rectified Current @TA=65℃ Weight: 7.2 grams Type Number - 55 to + 150 A Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC method) Mounting Torque: 5 in lbs max. KBU 18 3 High temperature soldering guaranteed: 260℃/10 seconds at 5 lbs.,(2.3kg) tension Glass passivated junction IF(AV) 8 IFSM Dimensions in inches and (millimeters) Green compound with suffix "G" on packing code & prefix "G" on datecode Terminal: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 Pb RoHS COMPLIANCE RoHS COMPLIANCE |
Similar Part No. - KBU805G |
|
Similar Description - KBU805G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |