Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H200CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR20H200CT
Description  20.0AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR20H200CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR20H200CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR20H200CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBR20HXXCT = Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Units
VRRM
V
VRMS
V
VDC
V
IRRM
A
uA
mA
dV/dt
V/us
RθJC
OC/W
TJ
OC
TSTG
OC
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
100
A
Version:E11
TO-220AB
A
Peak Repetitive Surge Current
(Rated VR, Square Wave, 20KHz)
IFRM
20
A
Mounting position:Any
Cases: JEDEC TO-220AB molded plastic body
20
Weight: 1.82 grams
Maximum Typical Thermal Resistance
Type Number
100
200
Features
High surge capability
Metal silicon junction, majority carrier conduction
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
V
For use in power supply - output rectification, power
management, instrumentation
1.0
150
105
150
150
140
0.5
200
IF(AV)
1.5
0.85
0.75
0.95
0.85
5
VF
Peak Repetitive Reverse Surge Current (Note 1)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC Method)
IFSM
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage at (Note 2)
IF=10A, TA=25℃
IF=10A, TA=125℃
IF=20A, TA=25℃
IF=20A, TA=125℃
Maximum Average Forward Rectified Current
MBR20H100CT - MBR20H200CT
20.0AMPS. Schottky Barrier Rectifiers
MBR
20H100CT
MBR
20H150CT
MBR
20H200CT
Marking Diagram
Dimensions in inches and (millimeters)
High temperature soldering guaranteed:
260℃/10 seconds 0.25", (6.35mm) from case
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Voltage Rate of Change,(Rated VR)
10,000
70
2
0.97
0.85
0.88
0.75
Maximum Instantaneius Reverse
@ TA=25 ℃
Current at Rated DC Blocking Voltage
@ TA=125 ℃
IR
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
- 65 to + 175
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Junction Temperature Range
Storage Temperature Range
- 65 to + 175
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 4P
   Guarding for overvoltage protection
logo
Taiwan Semiconductor Co...
MBR20H200CT TSC-MBR20H200CT Datasheet
444Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
125Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
More results

Similar Description - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
MBR2035CT GXELECTRONICS-MBR2035CT Datasheet
881Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR2020 TSC-SR2020_11 Datasheet
188Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_11 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_13 Datasheet
247Kb / 3P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT_11 Datasheet
154Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT_13 Datasheet
257Kb / 4P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_13 Datasheet
259Kb / 4P
   20.0AMPS Surface Mount Schottky Barrier Rectifiers
SRAS2020 TSC-SRAS2020_11 Datasheet
134Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBR20L100CT TSC-MBR20L100CT_11 Datasheet
130Kb / 2P
   20.0AMPS Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com