Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F1021 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-F1021
Description  Silicon N Channel MOSFET Tetrode (For input stages in UHF TV tuners High transconductance Low noise figure)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1021 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-F1021 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-F1021 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
BF 996 S
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC Characteristics
V
Drain-source breakdown voltage
ID = 10
µA, – VG1S = – VG2S = 4 V
V(BR) DS
20
nA
Gate 1 source leakage current
± VG1S = 5 V, VG2S = VDS = 0
± IG1SS
––50
Gate 2 source leakage current
± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
––50
Gate 1 source breakdown voltage
± IG1S = 10 mA, VG2S = VDS = 0
± V(BR) G1SS
8.5
14
Gate 2 source breakdown voltage
± IG2S = 10 mA, VG1S = VDS = 0
± V(BR) G2SS
8.5
14
V
Gate 1 source pinch-off voltage
VDS = 15 V, VG2S = 4 V, ID = 20
µA
– VG1S (p)
2.5
Gate 2 source pinch-off voltage
VDS = 15 V, VG1S = 0, ID = 20
µA
– VG2S (p)
2.0
mA
Drain current
VDS = 15 V, VG1S = 0, VG2S = 4 V
IDSS
2–20
Unit
Values
Parameter
Symbol
min.
typ.
max.


Similar Part No. - Q62702-F1021

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F102 SIEMENS-Q62702-F102 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
Q62702-F102 SIEMENS-Q62702-F102 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Q62702-F1020 SIEMENS-Q62702-F1020 Datasheet
118Kb / 7P
   Silicon N Channel MOSFET Tetrode (For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners)
Q62702-F1024 SIEMENS-Q62702-F1024 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results

Similar Description - Q62702-F1021

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
   Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
   SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040W SIEMENS-BF2040W Datasheet
31Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
logo
Infineon Technologies A...
BB555E7902 INFINEON-BB555E7902 Datasheet
911Kb / 9P
   For UHF-TV-tuners
2011-06-15
logo
Siemens Semiconductor G...
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040 SIEMENS-BF2040 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF994S SIEMENS-BF994S Datasheet
118Kb / 7P
   Silicon N Channel MOSFET Tetrode (For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners)
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
   PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com