Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF998 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BF998
Description  Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF998 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BF998 Datasheet HTML 1Page - Siemens Semiconductor Group BF998 Datasheet HTML 2Page - Siemens Semiconductor Group BF998 Datasheet HTML 3Page - Siemens Semiconductor Group BF998 Datasheet HTML 4Page - Siemens Semiconductor Group BF998 Datasheet HTML 5Page - Siemens Semiconductor Group BF998 Datasheet HTML 6Page - Siemens Semiconductor Group BF998 Datasheet HTML 7Page - Siemens Semiconductor Group BF998 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF 998
Semiconductor Group
5
Gate 1 forward transconductance
gfs1 = f (ID)
VDS = 8 V, IDSS = 10 mA, f = 1 kHz
Gate 2 input capacitance Cg2ss = f (VG2S)
VG1S = 0 V, VDS = 8 V
IDSS = 10 mA, f = 1 MHz
Gate 1 input capacitance Cg1ss = f (VG1S)
VG2S = 4 V, VDS = 8 V, IDSS = 10 mA,
f = 1 MHz
Output capacitance Cdss = f (VDS)
VG1S = 0 V, VG2S = 4 V
IDSS = 10 mA, f = 1 MHz


Similar Part No. - BF998

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF998 PHILIPS-BF998 Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

Similar Description - BF998

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF2000W SIEMENS-BF2000W Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
   SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF998W SIEMENS-BF998W Datasheet
30Kb / 2P
   Silicon N-Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor)
BF998R SIEMENS-BF998R Datasheet
33Kb / 2P
   Silicon N-Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor)
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040W SIEMENS-BF2040W Datasheet
31Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040 SIEMENS-BF2040 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
BF1005S SIEMENS-BF1005S Datasheet
52Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com