Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2050 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR2050
Description  20.0AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR2050 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR2050 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR2050 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (SR2020 THRU SR20150)
FIG. 1- FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
0
50
100
150
CASE TEMPERATURE (
oC)
SR2050-150
SR2020-40
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Helf Sine Wave
PER LEG. (JEDEC Method)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=100℃
FIG. 5- TYPICAL JUNCTION CAPACITANCE PER
LEG
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25
oC
f=1.0MHz
Vsig=50mVp-p
SR2050-150
SR2020-40
FIG. 3- TYPICAL FORWARD CHARACTERISRICS
PER LEG
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE (V)
SR2050-2060
SR2020-2040
SR2090-20100
TA=25
oC
PULSE WIDTH-300us
1% DUTY CYCLE
SR20150
FIG. 6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
0.1
1
10
100
0.01
0.1
1
10
100
T, PULSE DURATION. (sec)


Similar Part No. - SR2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR2050 TSC-SR2050 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Dc Components
SR2050 DCCOM-SR2050 Datasheet
51Kb / 2P
   RECTIFIER SPECIALISTS
logo
Taiwan Semiconductor Co...
SR2050 TSC-SR2050 Datasheet
216Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Rectron Semiconductor
SR2050 RECTRON-SR2050 Datasheet
219Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SR2050 YANGJIE-SR2050 Datasheet
725Kb / 2P
   20.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT_11 Datasheet
194Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR2035CT GXELECTRONICS-MBR2035CT Datasheet
881Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRF2020 TSC-SRF2020_11 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_13 Datasheet
247Kb / 3P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT_11 Datasheet
154Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT_13 Datasheet
257Kb / 4P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_13 Datasheet
259Kb / 4P
   20.0AMPS Surface Mount Schottky Barrier Rectifiers
SRAS2020 TSC-SRAS2020_11 Datasheet
134Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBR20L100CT TSC-MBR20L100CT_11 Datasheet
130Kb / 2P
   20.0AMPS Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com