Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRA1030 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRA1030
Description  10.0AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRA1030 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRA1030 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRA1030 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
SRA10XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Weight: 1.87 gram
Typical Thermal Resistance
0.5
-
15
10
0.1
-
SRA1020 - SRA10150
Marking Diagram
TO-220AC
10.0AMPS. Schottky Barrier Rectifiers
Features
High reliabbility
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case: TO-220AC molded plastic
Note 2 : Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1 : Pulse Test : 300 usec Pulse Width, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
Version:G11
- 65 to + 125
- 65 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
TA=125℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@ 10A
VF
Unit
SRA
1030
SRA
1040
SRA
1050
Dimensions in inches and (millimeters)
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Epoxy: UL 94V-0 rate flame retardant
Polarity: As marked
SRA
1060
- 65 to + 150
Typical Junction Capacitance (Note 2)
SRA
1090
SRA
10100
SRA
10150
Type Number
Symbol
SRA
1020
5
A
Maximum Average Forward Rectified Current
IF(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
170
V
2
400
0.55
0.70
0.85
0.95
mA
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SRA1030

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SRA1030 COMCHIP-SRA1030 Datasheet
122Kb / 2P
   Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SRA1030 TSC-SRA1030 Datasheet
55Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1030 TSC-SRA1030 Datasheet
180Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SRA1030 YANGJIE-SRA1030 Datasheet
718Kb / 2P
   10.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA1030 TSC-SRA1030 Datasheet
588Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRA1030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF10H100CT TSC-MBRF10H100CT_11 Datasheet
187Kb / 2P
   10.0AMPS Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_11 Datasheet
185Kb / 2P
   10.0AMPS Isolated Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_11 Datasheet
193Kb / 2P
   10.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT_13 Datasheet
247Kb / 3P
   10.0AMPS Isolated Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com