Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM13N50 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM13N50
Description  500V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM13N50 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM13N50_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM13N50_10 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM13N50
500V N-Channel Power MOSFET
1/8
Version: B10
ITO-220
PRODUCT SUMMARY
VDS (V)
RDS(on)( )
ID (A)
500
0.48 @ VGS =10V
6.5
General Description
The TSM13N50 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche and commutation mode.
Features
Low RDS(ON) 0.4
(Typ.)
Low gate charge typical @ 36nC (Typ.)
Low Crss typical @ 23pF (Typ.)
Fast Switching
Ordering Information
Part No.
Package
Packing
TSM13N50CI C0
ITO-220
50pcs / Tube
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Tc = 25ºC
ID
13
A
Tc = 100ºC
8.2
A
Pulsed Drain Current *
IDM
52
A
Avalanche Current (Single) (Note 2)
IAS
13
A
Single Pulse Avalanche Energy (Note 2)
EAS
751
mJ
Avalanche Current (Repetitive) (Note 1)
IAR
13
A
Repetitive Avalanche Energy (Note 1)
EAR
19.5
mJ
Total Power Dissipation @ TC = 25
oC
PTOT
40
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
* Limited by maximum junction temperature
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
JC
3.12
oC/W
Thermal Resistance - Junction to Ambient
JA
62.5
oC/W
Notes: Surface mounted on FR4 board t ≤ 10sec
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM13N50_10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
More results

Similar Description - TSM13N50_10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
   500V N-Channel Power MOSFET
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com