Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM301K12 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TSM301K12
Description  20V P-Channel MOSFET with Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM301K12 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TSM301K12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM301K12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM301K12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM301K12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM301K12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM301K12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM301K12 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TSM301K12
20V P-Channel MOSFET with Schottky Diode
7/7
Version: B11
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Similar Part No. - TSM301K12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM301K12CQRFG TSC-TSM301K12CQRFG Datasheet
455Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
More results

Similar Description - TSM301K12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
logo
Alpha & Omega Semicondu...
AON4703 AOSMD-AON4703_10 Datasheet
240Kb / 6P
   20V P-Channel MOSFET with Schottky Diode
logo
Fairchild Semiconductor
FDC6392S FAIRCHILD-FDC6392S Datasheet
193Kb / 6P
   20V Integrated P-Channel PowerTrench MOSFET and Schottky Diode
logo
Pan Jit International I...
PJQ2888 PANJIT-PJQ2888 Datasheet
498Kb / 7P
   20V P-Channel Enhancement Mode MOSFET with TVS Diode
logo
GTM CORPORATION
GTS6923 GTM-GTS6923 Datasheet
333Kb / 4P
   P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
SHANGHAI BELLING CO., L...
BL8593 BELLING-BL8593 Datasheet
495Kb / 6P
   P-Channel MOSFET with 0.12V Schottky Diode
logo
SYNC POWER Crop.
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
logo
Advanced Power Electron...
AP6923O A-POWER-AP6923O Datasheet
73Kb / 4P
   P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
ELM Technology Corporat...
ELM14701AA-N ELM-TECH-ELM14701AA-N Datasheet
119Kb / 5P
   Single P-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com