Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSZU52C7V5 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSZU52C7V5
Description  150mW SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZU52C7V5 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSZU52C7V5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZU52C7V5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZU52C7V5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZU52C7V5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (TSZU52C2 THRU TSZU52C39)
Fig.1 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS
-4
6
5
4
3
2
1
0
1
-2
-3
212
11
10
9
8
7
6
5
4
3
7
Fig.6 TYPICAL CAPACITANCE
NORMAL ZENER VOLTAGE,VOLTS
010
20
30
40
0
50
100
150
200
250
300
350
400
0V BIAS
1V BIAS
O
TA =25 C
Fig.3 EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
NORMALL ZENER VOLTAGE,VOLTS
50
1
10
1
10
100
1000
O
TJ=25 C
IZ (AC)0.1IZ (DC)
F=1kHZ
IZ=20mA
IZ=1mA
IZ=5mA
Fig.5 TYPICAL LEAKAGE CURRENT
NOMINAL ZENER VOLTAGE,Volts
100
10
1
0.1
0.01
0.001
0.0001
0.00001
05
10
15
20
25
30
35
40
45
O
+125 C
O
-55 C
FORWARD VOLTAGE, Volts
Fig.4 TYPICAL FORWARD VOLTAGE
0.4
1
10
100
1000
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Fig.2 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS
100
10
50
10
1
30
20
40
Version: A07


Similar Part No. - TSZU52C7V5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C7V5 TSC-TSZU52C7V5 Datasheet
143Kb / 6P
   SMD Zener Diode
More results

Similar Description - TSZU52C7V5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
   150mW SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com