Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG19S Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BFG19S
Description  NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFG19S Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFG19S Datasheet HTML 1Page - Siemens Semiconductor Group BFG19S Datasheet HTML 2Page - Siemens Semiconductor Group BFG19S Datasheet HTML 3Page - Siemens Semiconductor Group BFG19S Datasheet HTML 4Page - Siemens Semiconductor Group BFG19S Datasheet HTML 5Page - Siemens Semiconductor Group BFG19S Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
Dec-13-1996
BFG 19S
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
-
-
V
Collector-emitter cutoff current
VCE = 20 V, VBE = 0
ICES
-
-
100
µA
Collector-base cutoff current
VCB = 10 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 2 V, IC = 0
IEBO
-
-
10
µA
DC current gain
IC = 70 mA, VCE = 8 V
hFE
40
100
220
-


Similar Part No. - BFG19S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFG19S INFINEON-BFG19S Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-26-1999
BFG19S INFINEON-BFG19S Datasheet
512Kb / 6P
   NPN Silicon RF Transistor
2008-07-10
BFG19S INFINEON-BFG19S_08 Datasheet
512Kb / 6P
   NPN Silicon RF Transistor
2008-07-10
More results

Similar Description - BFG19S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196 SIEMENS-BFP196 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFG194 SIEMENS-BFG194 Datasheet
65Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFR194 SIEMENS-BFR194 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFG235 SIEMENS-BFG235 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com