Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1004 Datasheet(PDF) 2 Page - Littelfuse

Part # SP1004
Description  SP1004 Series 5pF 8kV Bidirectional TVS Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1004 Datasheet(HTML) 2 Page - Littelfuse

  SP1004_11 Datasheet HTML 1Page - Littelfuse SP1004_11 Datasheet HTML 2Page - Littelfuse SP1004_11 Datasheet HTML 3Page - Littelfuse SP1004_11 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
36
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP1004 Series
General Purpose ESD Protection - SP1004 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Pulse Current (t
p=8/20μs)
2.0
A
T
OP
Operating Temperature
-40 to 85
°C
T
STOR
Storage Temperature
-60 to 150
°C
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-65 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 10s)
260
°C
Electrical Characteristics (T
OP
=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Voltage Drop1
V
R
I
R=1mA
8.0
8.8
9.5
V
Reverse Standoff Voltage1
V
RWM
I
R≤1μA
6.0
V
Reverse Leakage Current1
I
LEAK
V
R=5V
0.1
μA
Clamp Voltage2
V
C
I
PP=1A, tp=8/20μs
10
V
I
PP=2A, tp=8/20μs
12
V
Dynamic Resistance
R
DYN
(V
C2 - VC1) / (IPP2 - IPP1)
2.0
Ω
ESD Withstand Voltage1,2
V
ESD
IEC61000-4-2 (Contact Discharge)3
±8
kV
IEC61000-4-2 (Air Discharge)
±15
kV
Diode Capacitance1,2
C
D
Reverse Bias=0V
6
7
pF
Reverse Bias=1.5V
5
6
pF
Note: 1 Parameter specified with pin 2 grounded externally.
2 Parameter is guaranteed by design and/or device characterization.
3 Capable of withstanding >1,000 pulses at 1s intervals.
Capacitance vs. Reverse Bias
Insertion Loss (S21)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DC Bias (V)
-30
-25
-20
-15
-10
-5
0
5
0
0
0
0
1
0
0
0
1
0
0
1
0
1
Frequency (MHz)


Similar Part No. - SP1004_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004_10 Datasheet
408Kb / 6P
   SPA??Silicon Protection Array Products 5pF Bidirectional TVS Array for ESD Protection
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
   5pF 8kV Bidirectional TVS Array
More results

Similar Description - SP1004_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
   5pF 8kV Bidirectional TVS Array
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
   5pF 8kV Bidirectional TVS Array
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
   SP1002 Series 5pF 8kV Bidirectional TVS Array
SP723 LITTELFUSE-SP723_12 Datasheet
227Kb / 6P
   5pF 8kV Diode Array
SP1015 LITTELFUSE-SP1015 Datasheet
1Mb / 4P
   SP1015 Series 5pF, 20kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
   5pF Bidirectional TVS Array for ESD Protection
SP1004 LITTELFUSE-SP1004_10 Datasheet
408Kb / 6P
   SPA??Silicon Protection Array Products 5pF Bidirectional TVS Array for ESD Protection
SP1007 LITTELFUSE-SP1007_17 Datasheet
1Mb / 5P
   3.5pF 8kV Bidirectional Discrete TVS
logo
Yea Shin Technology Co....
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
   BIDIRECTIONAL TVS ARRAY
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
   BIDIRECTIONAL TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com