Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3002 Datasheet(PDF) 2 Page - Littelfuse

Part # SP3002
Description  SP3002 Series 0.85pF Rail Clamp Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3002 Datasheet(HTML) 2 Page - Littelfuse

  SP3002_11 Datasheet HTML 1Page - Littelfuse SP3002_11 Datasheet HTML 2Page - Littelfuse SP3002_11 Datasheet HTML 3Page - Littelfuse SP3002_11 Datasheet HTML 4Page - Littelfuse SP3002_11 Datasheet HTML 5Page - Littelfuse SP3002_11 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
90
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP3002 Series
Low Capacitance ESD Protection - SP3002 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
4.5
A
T
OP
Operating Temperature
-40 to 85
°C
T
STOR
Storage Temperature
-50 to 150
°C
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-65 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 10s)
260
°C
Electrical Characteristics (T
OP
=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R ≤ 1μA
6.0
V
Reverse Leakage Current
I
LEAK
V
R=5V
0.5
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20μs, Fwd
9.5
11.0
V
I
PP=2A, tp=8/20μs, Fwd
10.6
13.0
V
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±12
kV
IEC61000-4-2 (Air)
±15
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V
0.95
1.1
1.25
pF
Reverse Bias=1.65V
0.7
0.85
1.0
pF
Diode Capacitance1
C
I/O-I/O
Reverse Bias=0V
0.5
pF
Note: 1. Parameter is guaranteed by design and/or device characterization.
Capacitance vs. Bias Voltage
Insertion Loss (S21) I/O to GND
-20
-15
-10
-5
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency [Hz]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.55.0
1.50
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
I/O DC Bias (V)
V
CC = 5V
V
CC = 3.3V
V
CC = Float


Similar Part No. - SP3002_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3002 LITTELFUSE-SP3002_10 Datasheet
456Kb / 8P
   Low Capacitance ESD Protection Array
More results

Similar Description - SP3002_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0504SHTG LITTELFUSE-SP0504SHTG Datasheet
1Mb / 5P
   SP0504S Series 0.85pF Diode Array
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
   SP3003 Series 0.65pF Rail Clamp Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
   SP3012 Series 0.5pF Rail Clamp Array
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
logo
List of Unclassifed Man...
PMMAD ETC-PMMAD Datasheet
119Kb / 3P
   STEERING DIODE (RAIL CLAMP) ARRAY
logo
Littelfuse
SP4061 LITTELFUSE-SP4061 Datasheet
1Mb / 4P
   SP4061 Series 2.5V 20A Rail Clamp Array
SP4062 LITTELFUSE-SP4062 Datasheet
1Mb / 5P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
   SP720 Series 3pF 4kV Rail Clamp Array
SP4060 LITTELFUSE-SP4060 Datasheet
628Kb / 4P
   SP4060 Series 2.5V 20A Rail Clamp Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com