Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS389 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 1SS389
Description  SCHOTTKY BARRIER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

1SS389 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  1SS389 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHOTTKY BARRIER DIODE
FEATURES
 High Speed
 High Reliability
 Small Package
 Low Forward Voltage
APPLICATIONS
 High Speed Switching
MARKING: S4
MAXIMUM RATINGS ( Ta=25unless otherwise noted )
Symbol
Parameter
Value
Unit
VR
DC Blocking Voltage
10
V
IO
Continuous Forward Current
100
mA
IFM
Peak Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current @10ms
1
A
PD
Power Dissipation
150
mW
RθJA
Thermal Resistance From Junction To Ambient
667
℃/W
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
10
V
Reverse current
IR
VR=10V
20
μA
IF=1mA
0.18
IF=5mA
0.3
Forward voltage
VF
IF=100mA
0.5
V
Total capacitance
Ctot
VR=0V,f=1MHz
40
pF
SOD-523
1SS389
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 1SS389

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS389 TOSHIBA-1SS389 Datasheet
121Kb / 2P
   DIODE (HIGH SEPPD SWITCHING APPLICATION)
logo
Galaxy Semi-Conductor H...
1SS389 BILIN-1SS389 Datasheet
175Kb / 3P
   Schottky Barrier Diode
logo
Toshiba Semiconductor
1SS389 TOSHIBA-1SS389 Datasheet
201Kb / 3P
   High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS389 BILIN-1SS389 Datasheet
216Kb / 3P
   Schottky Barrier Diode
1SS389 BILIN-1SS389 Datasheet
199Kb / 3P
   Schottky Barrier Diode
More results

Similar Description - 1SS389

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com