Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1235A Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SA1235A
Description  TRANSISTOR(PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SA1235A Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SA1235A Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISTOR(PNP)
FEATURES
 Low Collector Current
 Low Collector Power Dissipation
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-200
mA
PC
Collector Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-0.1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-60V, IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-100
nA
hFE(1)
VCE=-6V, IC=-1mA
150
500
DC current gain
hFE(2)
VCE=-6V, IC=-0.1mA
90
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-10mA
-1
V
Transition frequency
fT
VCE=-6V,IC=-10mA
200
MHz
Collector output capacitance
Cob
VCB=-6V, IE=0, f=1MHz
4
pF
CLASSIFICATION OF hFE(1)
RANK
M·E
M·F
RANGE
150–300
250–500
MARKING
M·E
M·F
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
2SA1 235A
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SA1235A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1235A ETC-2SA1235A Datasheet
313Kb / 2P
   PNP TRANSISTOR
logo
Jinan Jing Heng Electro...
2SA1235A JINGHENG-2SA1235A Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
logo
Nanjing International G...
2SA1235A DGNJDZ-2SA1235A Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1235A BILIN-2SA1235A Datasheet
135Kb / 3P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SA1235A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com