Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F1305 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-F1305
Description  PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1305 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-F1305 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1305 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1305 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1305 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon High-Voltage Transistors
BFN 37
BFN 39
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BFN 37
BFN 39
Q62702-F1304
Q62702-F1305
BFN 37
BFN 39
SOT-223
1
2
3
4
B
C
E
C
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
BFN 37
Unit
Collector-emitter voltage
VCE0
250
V
Collector-base voltage
VCB0
250
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
Total power dissipation, TS = 124 ˚C
Ptot
W
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient2)
Rth JA
72
K/W
Peak collector current
ICM
Peak base current
IBM
BFN 39
300
300
200
100
1.5
150
500
200
Values
5
Junction - soldering point
Rth JS
17
q
Suitable for video output stages in TV sets
and switching power supplies
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Complementary types: BFN 36, BFN 38 (NPN)
5.91


Similar Part No. - Q62702-F1305

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1303 SIEMENS-Q62702-F1303 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Q62702-F1306 SIEMENS-Q62702-F1306 Datasheet
135Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Q62702-F1309 SIEMENS-Q62702-F1309 Datasheet
130Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results

Similar Description - Q62702-F1305

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN36 SIEMENS-BFN36 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_07 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com