Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F1575 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-F1575
Description  NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1575 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-F1575 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1575 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1575 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1575 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1575 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1575 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1575 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Jan-20-1997
BFP 136W
Total power dissipation
Ptot = f (TA*, TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
100
200
300
400
500
600
700
800
900
1000
mW
1200
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax/PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - Q62702-F1575

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1571 SIEMENS-Q62702-F1571 Datasheet
53Kb / 5P
   NPN Silicon RF Transistor (For linear broadband amplifier applications up to 500MHz SAW filter driver in TV tuners)
Q62702-F1572 SIEMENS-Q62702-F1572 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
Q62702-F1573 SIEMENS-Q62702-F1573 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA.)
Q62702-F1574 SIEMENS-Q62702-F1574 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA)
Q62702-F1576 SIEMENS-Q62702-F1576 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
More results

Similar Description - Q62702-F1575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
   Silicon NPN RF Power Transistor Designed for power amplifier
logo
Siemens Semiconductor G...
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
   3.6V 0.5W RF Power Amplifier IC for DECT
logo
Hitachi Semiconductor
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
logo
Tyco Electronics
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
   3.3V 0.5W RF Power Amplifier IC for DECT
logo
Siemens Semiconductor G...
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com