Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # A42
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

A42 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  A42 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
TRANSISTOR (NPN)
FEATURES
Low Collector-Emitter Saturation Voltage
High Breakdown Voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
310
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
305
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
ICBO
VCB=200V,IE=0
0.25
µA
VCE=200V,IB=0
0.25
µA
Collector cut-off current
ICEO
VCE=300V,IB=0
5
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
hFE(1)
VCE=10V, IC=1mA
60
hFE(2)
VCE=10V, IC=10mA
80
250
DC current gain
hFE(3)
VCE=10V, IC=30mA
75
Collector-emitter saturation voltage
VCE(sat)
IC=20mA,IB=2mA
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC=20mA,IB=2mA
0.9
V
Transition frequency
fT
VCE=20V,IC=10mA, f=30MHz
50
MHz
CLASSIFICATION OF hFE2
RANK
A
B1
B2
C
RANGE
80–100
100–150
150–200
200–250
MARKING
A42
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
310
V
VCEO
Collector-Emitter Voltage
305
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
A42
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - A42

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A42 JIANGSU-A42 Datasheet
260Kb / 3P
   TRANSISTOR竊?NPN 竊
logo
Nanjing International G...
A42 DGNJDZ-A42 Datasheet
455Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
A42 DAYA-A42 Datasheet
185Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
A42 DGNJDZ-A42 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
A42 WINNERJOIN-A42 Datasheet
146Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - A42

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com