Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A94 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # A94
Description  TRANSISTOR (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

A94 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  A94 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. A94 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR (PNP)
FEATURES
High voltage
MAXIMUM RATINGS (
Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-400
V
VCEO
Collector-Emitter Voltage
-400
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.2
A
PC
Collector Power Dissipation
0.5
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR) CBO
IC= -100μA, IE=0
-400
V
Collector-emitter breakdown voltage
V(BR) CEO
IC= -1mA,IB=0
-400
V
Emitter-base breakdown voltage
V(BR) EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-400V, IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE=-400V, IB=0
-5
μA
Emitter cut-off current
IEBO
VEB= -4V, IC=0
-0.1
μA
hFE(1)
VCE=-10V, IC=-10mA
80
300
hFE(2)
VCE=-10V, IC=-1mA
70
hFE(3)
VCE=-10V, IC=-100mA
60
DC current gain
hFE(4)
VCE=-10V, IC=-50mA
80
VCE (sat)
IC=-10mA, IB=-1mA
-0.2
V
Collector-emitter saturation voltage
VCE (sat)
IC=-50mA, IB=-5mA
-0.3
V
Base-emitter saturation voltage
VBE (sat)
IC=-10mA, IB= -1mA
-0.75
V
Transition frequency
fT
VCE=-20V, IC=-10mA
f =30MHz
50
MHz
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
A94
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - A94

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A94 JIANGSU-A94 Datasheet
454Kb / 3P
   TRANSISTOR竊?PNP 竊
logo
Daya Electric Group Co....
A94 DAYA-A94 Datasheet
207Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
A94 SECOS-A94 Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
A94 HOTTECH-A94 Datasheet
263Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
A94 BILIN-A94 Datasheet
133Kb / 3P
   High Voltage Transistor
More results

Similar Description - A94

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com