Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F1594 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-F1594
Description  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1594 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-F1594 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1594 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1594 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1594 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1594 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1594 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1594 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Jan-21-1997
BFP 183R
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
1.0345
fA
VAF =
14.772
V
NE =
1.2149
-
VAR =
3.4276
V
NC =
0.85331
-
RBM =
2.5426
CJE =
23.077
fF
TF =
22.746
ps
ITF =
1.8773
mA
VJC =
1.1967
V
TR =
1.0553
ns
MJS =
0-
XTI =
3-
BF =
115.98
-
IKF =
0.14562
A
BR =
10.016
-
IKR =
0.013483
A
RB =
1.0112
RE =
1.3435
VJE =
1.0792
V
XTF =
0.36823
-
PTF =
0
deg
MJC =
0.3
-
CJS =
0
fF
XTB =
0
-
FC =
0.54852
-
NF =
0.80799
-
ISE =
16.818
fA
NR =
0.99543
-
ISC =
1.3559
fA
IRB =
0.43801
mA
RC =
0.20486
MJE =
0.45354
-
VTF =
0.50905
V
CJC =
460.11
fF
XCJC =
0.053823
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.89
nH
LBO =
0.73
nH
LEI =
0.4
nH
LEO =
0.15
nH
LCI =
0nH
LCO =
0.42
nH
CBE =
189
fF
CCB =
15
fF
CCE =
187
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm


Similar Part No. - Q62702-F1594

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1590 SIEMENS-Q62702-F1590 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For medium power amplifiers)
Q62702-F1591 SIEMENS-Q62702-F1591 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
Q62702-F1592 SIEMENS-Q62702-F1592 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
More results

Similar Description - Q62702-F1594

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR181 SIEMENS-BFR181 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR183W SIEMENS-BFR183W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFS481 SIEMENS-BFS481 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com