Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5403G Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # 1N5403G
Description  General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N5403G Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1N5403G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N5403G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N
5401G
1N
5402G
1N
5403G
1N
5404G
1N
5405G
1N
5406G
1N
5407G
1000
50
100
200
400
600
800
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
V
A
A
/W
20
125
3.0
1.1
V
1N
5401G
1N
5402G
1N
5403G
1N
5404G
1N
5405G
1N
5406G
1N
5407G
10
200
30
μA
pF
VRRM
VRMS
VDC
IF(AV)
IFSM
1N5400G ...... 1N5408G
1N
5408G
1N
5408G
300
300
210
1N
5400G
500
500
350
1N
5400G
SIYU R
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
普通塑封整流二极管
反向电压
50 --- 1000 V
正向电流
3.0 A
General Purpose Plastic Rectifier
Reverse Voltage 50 to 1000 V
Forward Current 3.0 A
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
DIA
DIA
.052(1.3)
.048(1.2)
DO-27
Unit:inch(mm)
TJ, TSTG
-55
--- +150
e
g
a
tl
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
it
it
e
p
e
r
m
u
m
i
x
a
M
e
g
a
tl
o
v
S
M
R
m
u
m
i
x
a
M
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
t
n
e
r
r
u
c
d
e
if
it
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
工作结温和存储温度
Operating junction and storage temperature range
IR
Cj
最大正向电压
IF = 3.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
符号
Symbols
单位
Unit
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
TA=125℃
符号
Symbols
单位
Unit
RθJA
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·玻璃钝化芯片
Glass Passivated chip
·引线和管体皆符合ROHS标准 。
Lead and body according with ROHS standard


Similar Part No. - 1N5403G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5403G DIODES-1N5403G Datasheet
59Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
logo
Guangdong Juxing Electr...
1N5403G JUXING-1N5403G Datasheet
621Kb / 2P
   SILICON RECTIFIER
logo
Leshan Radio Company
1N5403G LRC-1N5403G Datasheet
50Kb / 2P
   3A GENERAL PURPOSE GPP DIODES
logo
Microdiode Electronics ...
1N5403G CHENDA-1N5403G Datasheet
558Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
1N5403G BILIN-1N5403G Datasheet
84Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1N5403G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N5400 DACHANG-1N5400 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
5A05 DACHANG-5A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 5.0 A
1N4001 DACHANG-1N4001 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
10A05 DACHANG-10A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
1A1 DACHANG-1A1 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1N4001G DACHANG-1N4001G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
6A05 DACHANG-6A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com