Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F1347 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q62702-F1347
Description  PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1347 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q62702-F1347 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1347 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1347 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1347 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1347 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1347 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1347 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-13-1996
BFP 194
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
22
V
R
0.0
0.5
1.0
1.5
2.0
2.5
3.0
pF
4.0
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
20
40
60
80
mA
120
I
C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
GHz
6.0
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
20
40
60
80
mA
120
I
C
0
2
4
6
8
10
dB
14
G
10V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
20
40
60
80
mA
120
I
C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
dB
8.0
G
10V
5V
3V
2V
1V
0.7V


Similar Part No. - Q62702-F1347

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F134 SIEMENS-Q62702-F134 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
Q62702-F1346 SIEMENS-Q62702-F1346 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
More results

Similar Description - Q62702-F1347

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
BFG194 SIEMENS-BFG194 Datasheet
65Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFR194 SIEMENS-BFR194 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ70 SIEMENS-BFQ70 Datasheet
339Kb / 14P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com