Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC818-25 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BC818-25
Description  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BC818-25 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BC818-25 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BC818-25 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC818-16
BC818-25
BC818-40
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.5
A
PC
Collector Power Dissipation
0.3
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
VCBO
IC= 10μA, IE=0
30
V
Collector-emitter breakdown voltage
VCEO
IC= 10mA, IB=0
25
V
Emitter-base breakdown voltage
VEBO
IE= 10μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 25 V , IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 4V, IC=0
0.1
μA
hFE(1)
VCE= 1V, IC= 100mA
100
630
DC current gain
hFE(2)
VCE= 1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB= 50mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC= 500mA
1.2
V
Collecter capactiance
Cob
VCB=10V ,f=1MHz
6
pF
Transition frequency
fT
VCE= 5 V,
IC= 50mA
f=100MHz
170
MHz
CLASSIFICATION OF
hFE (1)
Rank
BC818-16
BC818-25
BC818-40
Range
100-250
160-400
250-630
Marking
6E
6F
6G
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
BC818
TRANSISTOR (NPN)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BC818-25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC818-25 SIEMENS-BC818-25 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
GUANGDONG HOTTECH INDUS...
BC818-25 HOTTECH-BC818-25 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC818-25 INFINEON-BC818-25 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
GUANGDONG HOTTECH INDUS...
BC818-25 HOTTECH-BC818-25 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC818-25 DIOTEC-BC818-25 Datasheet
188Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC818-25

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com