Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857B Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BC857B
Description  TRANSISTOR (PNP)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BC857B Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BC857B Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BC857B Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BC857B Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BC857B Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BC857B Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC856A,B
BC857A, B,C
BC858A, B,C
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
BC856
BC857
BC858
-80
-50
-30
V
VCEO
Collector-Emitter Voltage
BC856
BC857
BC858
-65
-45
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-0.1
A
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-65-150
DEVICE MARKING
BC856A=3A; BC856B=3B;
BC857A=3E;BC857B=3F;BC857C=3G;
BC858A=3J; BC858B=3K; BC858C=3L
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
TRANSISTOR (PNP)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BC857B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857B PHILIPS-BC857B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
ON Semiconductor
BC857B ONSEMI-BC857B Datasheet
84Kb / 6P
   General Purpose Transistors
April, 2015 ??Rev. 4
logo
Central Semiconductor C...
BC857B CENTRAL-BC857B Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Diotec Semiconductor
BC857B DIOTEC-BC857B Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Goodwork Semiconductor ...
BC857B GWSEMI-BC857B Datasheet
344Kb / 4P
   Ideally suited for automatic insertion
More results

Similar Description - BC857B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com