Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP405 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFP405
Description  NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP405 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFP405 Datasheet HTML 1Page - Siemens Semiconductor Group BFP405 Datasheet HTML 2Page - Siemens Semiconductor Group BFP405 Datasheet HTML 3Page - Siemens Semiconductor Group BFP405 Datasheet HTML 4Page - Siemens Semiconductor Group BFP405 Datasheet HTML 5Page - Siemens Semiconductor Group BFP405 Datasheet HTML 6Page - Siemens Semiconductor Group BFP405 Datasheet HTML 7Page - Siemens Semiconductor Group BFP405 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BFP 405
Semiconductor Group
Sep-09-1998
3
Common Emitter S-Parameters
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 2V, IC = 5mA
0.1
0.5
1
2
3
4
6
8
9
10
11
12
0.841
0.791
0.682
0.449
0.304
0.239
0.303
0.464
0.549
0.631
0.666
0.693
-5.2
-25.4
-48.7
-88.6
-126.1
-171.1
129.3
91.4
77.9
71
67.6
63.4
13.52
12.76
11.25
8.04
5.91
4.63
3.13
2.22
1.93
1.65
1.47
1.23
174.9
154.6
133.3
100.3
77.4
58.9
28
-1.5
-15.5
-27.5
-38.2
-49.5
0.0033
0.0161
0.0290
0.0479
0.0639
0.799
0.1104
0.118
0.129
0.136
0.145
0.155
88.9
77.5
67.9
55.4
49.2
43.2
30.2
13.6
5.1
-2.2
-8.5
-15.3
0.986
0.956
0.873
0.709
0.594
0.509
0.386
0.251
0.153
0.069
0.127
0.187
-2.5
-12.6
-22.7
-36.8
-44.7
-55.5
-73.5
-92.2
106.6
-166.6
137.2
75.6
Common Emitter Noise Parameters
f
Fmin 1)
Ga 1)
Γ
opt
RN
rn
F50Ω 2)
|
S21|2 2)
GHz
dB
dB
MAG
ANG
-
dB
dB
VCE = 2V, IC = 2mA
0.9
1.8
2.4
3.0
4
5
6
0.9
1.15
1.35
1.46
1.62
1.75
2.15
21.2
18.2
15.5
14.5
11.9
9.3
8.1
0.54
0.46
0.41
0.34
0.26
0.17
0.13
14
27
38
55
80
117
180
21
19
18
17
12.5
11
14
0.42
0.38
0.36
0.34
0.25
0.22
0.28
1.8
1.8
1.8
1.8
1.8
1.9
2.2
16.1
15
14
12.9
11.3
9.7
8.2
1) Input matched for minimum noise figure, output for maximum gain
2)
ZS = ZL = 50Ω
For more and detailed S- and Noise-parameters please contact your local Siemens
distributor or sales office to obtain a Siemens Application Notes CD-ROM or see Internet:
http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
3
1998-11-01


Similar Part No. - BFP405

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP405 INFINEON-BFP405 Datasheet
83Kb / 7P
   NPN Silicon RF Transistor
Aug-20-2001
BFP405 INFINEON-BFP405 Datasheet
540Kb / 9P
   NPN Silicon RF Transistor
2009-11-06
BFP405 INFINEON-BFP405 Datasheet
565Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
BFP405F INFINEON-BFP405F Datasheet
72Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
More results

Similar Description - BFP405

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.7, 08-Sep-08
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
logo
Siemens Semiconductor G...
BFQ82 SIEMENS-BFQ82 Datasheet
400Kb / 18P
   NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com