Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C12CC Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BZX84C12CC
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BZX84C12CC Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BZX84C12CC Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C12CC Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C12CC Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics ( Ta = 25
O
C unless otherwise noted, VF < 0.9 V at IF = 10 mA)
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Type
Marking
Code
Min.
Nom.
Max.
IZT (mA)
ZZT Max. (Ω)
IR Max. (µA)
at VR (V)
BZX84C2V4CC
JH
2.2
2.4
2.6
5
100
50
1
BZX84C2V7CC
JJ
2.5
2.7
2.9
5
100
20
1
BZX84C3V0CC
JK
2.8
3
3.2
5
95
10
1
BZX84C3V3CC
JM
3.1
3.3
3.5
5
95
5
1
BZX84C3V6CC
JN
3.4
3.6
3.8
5
90
5
1
BZX84C3V9CC
JP
3.7
3.9
4.1
5
90
3
1
BZX84C4V3CC
JR
4
4.3
4.6
5
90
3
1
BZX84C4V7CC
JX
4.4
4.7
5
5
80
3
2
BZX84C5V1CC
JY
4.8
5.1
5.4
5
60
2
2
BZX84C5V6CC
JZ
5.2
5.6
6
5
40
1
2
BZX84C6V2CC
KA
5.8
6.2
6.6
5
10
3
4
BZX84C6V8CC
KB
6.4
6.8
7.2
5
15
2
4
BZX84C7V5CC
KC
7
7.5
7.9
5
15
1
5
BZX84C8V2CC
KD
7.7
8.2
8.7
5
15
0.7
5
BZX84C9V1CC
KE
8.5
9.1
9.6
5
15
0.5
6
BZX84C10CC
KF
9.4
10
10.6
5
20
0.2
7
BZX84C11CC
KH
10.4
11
11.6
5
20
0.1
8
BZX84C12CC
KJ
11.4
12
12.7
5
25
0.1
8
BZX84C13CC
KK
12.4
13
14.1
5
30
0.1
8
BZX84C15CC
KM
14.3
15
15.8
5
30
0.05
10.5
BZX84C16CC
KN
15.3
16
17.1
5
40
0.05
11.2
BZX84C18CC
KP
16.8
18
19.1
5
45
0.05
12.6
BZX84C20CC
KR
18.8
20
21.2
5
55
0.05
14
BZX84C22CC
KX
20.8
22
23.3
5
55
0.05
15.4
BZX84C24CC
KY
22.8
24
25.6
5
70
0.05
16.8
BZX84C27CC
KZ
25.1
27
28.9
2
80
0.05
18.9
BZX84C30CC
MA
28
30
32
2
80
0.05
21
BZX84C33CC
MB
31
33
35
2
80
0.05
23.1
BZX84C36CC
MC
34
36
38
2
90
0.05
25.2
BZX84C39CC
MD
37
39
41
2
130
0.05
27.3
BZX84C43CC
ME
40
43
46
2
150
0.05
30.1
BZX84C47CC
MF
44
47
50
2
170
0.05
32.9
BZX84C51CC
MH
48
51
54
2
180
0.05
35.7
BZX84C56CC
MJ
52
56
60
2
200
0.05
39.2
BZX84C62CC
MK
58
62
66
2
215
0.05
43.4
BZX84C68CC
MM
64
68
72
2
240
0.05
47.6
BZX84C75CC
MN
70
75
79
2
255
0.05
52.5
1) Tested with pulses tp = 20 ms.
BZX84C…CC Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BZX84C12CC

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BZX84C12CC DSK-BZX84C12CC Datasheet
352Kb / 5P
   SILCON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX84C12CC ZSELEC-BZX84C12CC Datasheet
131Kb / 3P
   Silicon Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
BZX84C12CCW HTSEMI-BZX84C12CCW Datasheet
387Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX84C12CC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com