Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C18CC Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BZX84C18CC
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BZX84C18CC Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BZX84C18CC Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C18CC Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C18CC Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX84C…CC Series
SILICON PLANAR ZENER DIODES
This series of Zener diodes is offered in the
convenient, surface mount plastic SOT-23 package.
These devices are designed to provide voltage
regulation with minimum space requirement. They are
well suited for applications such as cellular phones,
hand held portables, and high density PC boards.
Features
• Zener breakdown voltage range – 2.4 V to 75 V
• Package designed for optimal automated board
assembly
• Small package size for high density applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
350
mW
Thermal Resistance, Junction to Ambient
1)
RθJA
417
O
C/W
Junction and Storage Temperature Range
Tj ,TS
- 65 to + 150
O
C
1) Alumina = 0.4 X 0.3 X 0.024 in, 99.5% alumina
SOT-23 Plastic Package
1. Anode 2. Anode 3. Cathode
1
3
2
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BZX84C18CC

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BZX84C18CC DSK-BZX84C18CC Datasheet
352Kb / 5P
   SILCON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX84C18CC ZSELEC-BZX84C18CC Datasheet
131Kb / 3P
   Silicon Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
BZX84C18CCW HTSEMI-BZX84C18CCW Datasheet
387Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX84C18CC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com