Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114EUA Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # DTA114EUA
Description  Digital transistors (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

DTA114EUA Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  DTA114EUA Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. DTA114EUA Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25℃)
Limits (DTA114E□)
Parameter
Symbol
E
UA
CA
KA
SA
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-40~10
V
IO
-50
Output current
IC(MAX)
-100
mA
Power dissipation
Pd
150
200
300
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
-0.5
VCC=-5V ,IO=-100µA
Input voltage
VI(on)
-3
V
VO=-0.3V ,IO=-10 mA
Output voltage
VO(on)
-0.3
V
IO/II=-10mA/-0.5mA
Input current
II
-0.88
mA
VI=-5V
Output current
IO(off)
-0.5
µA
VCC=-50V, VI=0
DC current gain
GI
30
VO=-5V ,IO=-5mA
Input resistance
R1
7
10
13
KΩ
Resistance ratio
R2/R1
0.8
1
1.2
Transition frequency
fT
250
MHz
VCE=-10V ,IE=5mA,f=100MHz
Typical Characteristics
Date:2011/05
www.htsemi.com
semiconductor
JinYu
DTA114EE/DTA114EUA/DTA114EKA/DTA114ESA/ DTA114ECA


Similar Part No. - DTA114EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EUA ROHM-DTA114EUA Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA114EUA ROHM-DTA114EUA Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EUA ROHM-DTA114EUA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA114EUA TSC-DTA114EUA Datasheet
889Kb / 3P
   PNP Digital Transistor
logo
Guangdong Kexin Industr...
DTA114EUA KEXIN-DTA114EUA Datasheet
177Kb / 3P
   Digital Transistors
More results

Similar Description - DTA114EUA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123Y SECOS-DTA123Y_15 Datasheet
557Kb / 2P
   PNP Digital Transistors
logo
Micro Commercial Compon...
DTA144ECA MCC-DTA144ECA_13 Datasheet
206Kb / 3P
   PNP Digital Transistors
logo
Guangdong Kexin Industr...
KTA143ZKA KEXIN-KTA143ZKA Datasheet
247Kb / 2P
   PNP Digital transistors
logo
Micro Commercial Compon...
DTA114EUA MCC-DTA114EUA_13 Datasheet
190Kb / 2P
   PNP Digital Transistors
DTA143ZUA MCC-DTA143ZUA_13 Datasheet
213Kb / 3P
   PNP Digital Transistors
DTA114ECA MCC-DTA114ECA_13 Datasheet
233Kb / 2P
   PNP Digital Transistors
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
   PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
   PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
   PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
   PNP Digital Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com