Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C3V3CA Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BZX84C3V3CA
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BZX84C3V3CA Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BZX84C3V3CA Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C3V3CA Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BZX84C3V3CA Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Ta = 25 OC unless otherwise noted)
Zener Voltage Range
1)
Dynamic Resistance Reverse Leakage Current
VZ
at IZT
ZZT
at IZT
IR
at VR
Type
Marking
Code
Nom. (V)
Min. (V)
Max. (V)
mA
Max. (Ω)
mA
Max. (µA)
V
BZX84C2V4CA
7H
2.4
2.2
2.6
5
100
5
50
1
BZX84C2V7CA
7J
2.7
2.5
2.9
5
100
5
20
1
BZX84C3V0CA
MR
3.0
2.8
3.2
5
95
5
10
1
BZX84C3V3CA
MX
3.3
3.1
3.5
5
95
5
5
1
BZX84C3V6CA
MY
3.6
3.4
3.8
5
90
5
5
1
BZX84C3V9CA
MZ
3.9
3.7
4.1
5
90
5
3
1
BZX84C4V3CA
NA
4.3
4
4.6
5
90
5
3
1
BZX84C4V7CA
NB
4.7
4.4
5
5
80
5
3
2
BZX84C5V1CA
NC
5.1
4.8
5.4
5
60
5
2
2
BZX84C5V6CA
ND
5.6
5.2
6
5
40
5
1
2
BZX84C6V2CA
NE
6.2
5.8
6.6
5
10
5
3
4
BZX84C6V8CA
NF
6.8
6.4
7.2
5
15
5
2
4
BZX84C7V5CA
NH
7.5
7
7.9
5
15
5
1
5
BZX84C8V2CA
NJ
8.2
7.7
8.7
5
15
5
0.7
5
BZX84C9V1CA
NK
9.1
8.5
9.6
5
15
5
0.5
6
BZX84C10CA
NM
10
9.4
10.6
5
20
5
0.2
7
BZX84C11CA
NN
11
10.4
11.6
5
20
5
0.1
8
BZX84C12CA
NP
12
11.4
12.7
5
25
5
0.1
8
BZX84C13CA
NX
13
12.4
14.1
5
30
5
0.1
8
BZX84C15CA
NY
15
14.3
15.8
5
30
5
0.05
10.5
BZX84C16CA
NZ
16
15.3
17.1
5
40
5
0.05
11.2
BZX84C18CA
PA
18
16.8
19.1
5
45
5
0.05
12.6
BZX84C20CA
PB
20
18.8
21.2
5
55
5
0.05
14
BZX84C22CA
PC
22
20.8
23.3
5
55
5
0.05
15.4
BZX84C24CA
PD
24
22.8
25.6
5
70
5
0.05
16.8
BZX84C27CA
PE
27
25.1
28.9
2
80
2
0.05
18.9
BZX84C30CA
PF
30
28
32
2
80
2
0.05
21
BZX84C33CA
PH
33
31
35
2
80
2
0.05
23.1
BZX84C36CA
PJ
36
34
38
2
90
2
0.05
25.2
BZX84C39CA
PM
39
37
41
2
130
2
0.05
27.3
BZX84C43CA
PN
43
40
46
2
150
2
0.05
30.1
BZX84C47CA
PP
47
44
50
2
170
2
0.05
32.9
BZX84C51CA
7K
51
48
54
2
180
2
0.05
35.7
BZX84C56CA
7M
56
52
60
2
200
2
0.05
39.2
BZX84C62CA
7N
62
58
66
2
215
2
0.05
43.4
BZX84C68CA
7P
68
64
72
2
240
2
0.05
47.6
BZX84C75CA
7R
75
70
79
2
255
2
0.05
52.5
1) Tested with pulses tp = 20 ms.
BZX84C…CA Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - BZX84C3V3CA

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BZX84C3V3CA SEMTECH_ELEC-BZX84C3V3CA Datasheet
225Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C3V3CAW HTSEMI-BZX84C3V3CAW Datasheet
179Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX84C3V3CA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com