Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F659 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-F659
Description  NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F659 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-F659 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 8Page - Siemens Semiconductor Group Q62702-F659 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BFQ 29P
BFQ 29P
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
AC Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
Power gain
IC = 20 mA, VCE = 6 V, f = 800 MHz,
Z0 = 50
Ω, ZL = ZLopt
Gpe
–14
GHz
Transition frequency
IC = 3 mA, VCE = 6 V, f = 200 MHz
IC = 20 mA, VCE = 6 V, f = 200 MHz
fT
3.6
2.7
5
Collector-emitter capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
Cce
0.28
Output capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
Cobs
0.8
dB
Noise figure
IC = 3 mA, VCE = 6 V, f = 10 MHz, ZS = 75
IC = 4 mA, VCE = 6 V, f = 800 MHz, ZS = 50
F
0.9
1.5
1.2
pF
Collector-base capacitance
VCB = 10 V, VBE = vbe = 0, f = 1 MHz
Ccb
0.5
0.65
Input capacitance
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
Cibo
1.35
Transducer gain
IC = 20 mA, VCE = 6 V, f = 1 GHz, Z0 = 50
I S21e I 2
–11
mV
Linear output voltage
two-tone intermodulation test
IC = 20 mA, VCE = 6 V, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50
Vo1 = Vo2
180
dBm
Third order intercept point
IC = 20 mA, VCE = 6 V, f = 800 MHz
IP3
–28


Similar Part No. - Q62702-F659

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F65 SIEMENS-Q62702-F65 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
Q62702-F655 SIEMENS-Q62702-F655 Datasheet
121Kb / 5P
   LOW NOISE NPN SILICON MICROVAVE TRANSISTOR UP TO 2 GHz
More results

Similar Description - Q62702-F659

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com