Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB423BFLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DB423BFLFT
Description  Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB423BFLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9DB423BFLFT Datasheet HTML 1Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 2Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 3Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 4Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 5Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 6Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 7Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 8Page - Integrated Device Technology 9DB423BFLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
9DB423B
IDT®
Four Output Differential Buffer for PCIe and Gen 1, Gen 2 and QPI
1437B - 02/04/10
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
DATASHEET
1
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(6,5,2,1)
CONTROL
LOGIC
BYPASS#_133_100
SDATA
SCLK
PD
SPREAD
COMPATIBLE
PLL
4
IREF
M
U
X
OE(6,1)
2
HIGH_BW#
DIF_STOP#
Output Features
4 - 0.7V current-mode differential output pairs
Supports zero delay buffer mode and fanout mode
Bandwidth programming available
50-133 MHz operation in PLL mode
33-400 MHz operation in Bypass mode
Funtional Block Diagram
Key Specifications
Output cycle-cycle jitter < 50ps.
Output to Output skew <50ps
Phase jitter: PCIe Gen1 < 86ps peak to peak
Phase jitter: PCIe Gen2 < 3.0/3.1ps rms
Phase jitter: QPI < 0.5ps rms
RoHS compliant packaging
Features/Benefits
Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread.
Supports undriven differential outputs in Power Down and
DIF_STOP# modes for power management.
Note: Polarities shown for OE_INV = 0.
Recommended Application:
DB400Q compatible part with PCIe Gen1, Gen 2 and QPI
support
General Description:
The ICS9DB423 is compatible with the Intel DB400Q Differential
Buffer Specification. This buffer provides 4 PCI-Express SRC or
4 QPI clocks. The ICS9DB423 is driven by a differential output
pair from a CK410B+ or CK509B main clock generator.


Similar Part No. - 9DB423BFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB423BFLFT RENESAS-9DB423BFLFT Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
More results

Similar Description - 9DB423BFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
   Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Integrated Device Techn...
ICS9DS400 IDT-ICS9DS400 Datasheet
316Kb / 19P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
logo
Renesas Technology Corp
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
   Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
logo
Integrated Device Techn...
9DB106 IDT-9DB106 Datasheet
193Kb / 14P
   Six Output Differential Buffer for PCIe Gen 2
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
   Eight Output Differential Buffer for PCIe Gen 2
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
   Six Output Differential Buffer for PCIe Gen 2
05/24/12
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
   Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
   Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
logo
Renesas Technology Corp
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com