Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS522D01AHGYYX Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ACS522D01AHGYYX
Description  PORTABLE CONSUMER CODEC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS522D01AHGYYX Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ACS522D01AHGYYX Datasheet HTML 4Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 5Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 6Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 7Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 8Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 9Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 10Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 11Page - Integrated Device Technology ACS522D01AHGYYX Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
V1.0 1/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS522D01
ACS522D01
LOW-POWER, HIGH-FIDELITY, INTEGRATED CODEC
The digital audio data is converted to oversampled bit streams using 24-bit digital interpolation filters, which then enters
sigma-delta DACs, and become converted to high quality analog audio signals.
To enhance the sound available from the small, low-power speakers typically found in a portable device, the
ACS522D01 provides numerous audio enhancement capabilities. The ACS522D01 features dual, independent, pro-
grammable left/right 6-band equalization, allowing the system designer to provide an advanced system equalizer to
accommodate the specific speakers and enclosure design. A compressor/limiter features programmable attack and
release thresholds, enabling the system designer to attenuate loud noise excursions to avoid speaker artifacts, thus
allowing the underlying content to be played at a louder volume without distortion. For compressed audio, a program-
mable expander is available to help restore the dynamic range of the original content. A stereo depth enhancement
algorithm allows common left/right content (e.g. dialog) to be attenuated separately from other content, providing a per-
ceived depth separation between background and foreground audio. Psychoacoustic bass and treble enhancement
algorithms achieve a rich, full tone even from originally compressed content, and even with speakers generally unable
to play low-frequency sounds.
1.3.
Audio Inputs
On the analog input side, the device features multiple line-in/microphone inputs, which can be used for analog micro-
phone, or line-in inputs. In addition, digital microphones are also supported. The device provides input gain control,
separate volume controls, automatic leveling capability, and programmable microphone boost to smooth input record-
ing. A programmable silence “floor” or “threshold” can be set to minimize background noise.


Similar Part No. - ACS522D01AHGYYX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS521D INTERSIL-ACS521D Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACS521HMSR INTERSIL-ACS521HMSR Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACS521K INTERSIL-ACS521K Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
More results

Similar Description - ACS522D01AHGYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS422MX00 IDT-ACS422MX00 Datasheet
1Mb / 90P
   PORTABLE CONSUMER CODEC
ACS422X67 IDT-ACS422X67 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS42200 IDT-ACS42200 Datasheet
1Mb / 89P
   PORTABLE CONSUMER CODEC
ACS32201 IDT-ACS32201 Datasheet
1Mb / 65P
   PORTABLE CONSUMER DEVICE
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
logo
STMicroelectronics
L7208 STMICROELECTRONICS-L7208 Datasheet
52Kb / 3P
   Portable consumer electronics spindle and VCM motor controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com