Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8S89834AKILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 8S89834AKILFT
Description  Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8S89834AKILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8S89834AKILFT Datasheet HTML 7Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 8Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 9Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 10Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 11Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 12Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 13Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 14Page - Integrated Device Technology 8S89834AKILFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICS8S89834I Data Sheet
LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
ICS8S89834AKI REVISION A FEBRUARY 4, 2010
11
©2010 Integrated Device Technology, Inc.
Termination for 2.5V LVPECL Outputs
Figure 4A and Figure 4B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC – 2V. For VCC = 2.5V, the VCC – 2V is very close to ground
level. The R3 in Figure 4B can be eliminated and the termination is
shown in Figure 4C.
Figure 4A. 2.5V LVPECL Driver Termination Example
Figure 4C. 2.5V LVPECL Driver Termination Example
Figure 4B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
+
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
R3
18
+


Similar Part No. - 8S89834AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89834AKILFT IDT-8S89834AKILFT Datasheet
315Kb / 18P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to- LVPECL/ECL Clock Multiplexer
logo
Renesas Technology Corp
8S89834AKILFT RENESAS-8S89834AKILFT Datasheet
649Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-toLVPECL/ECL Clock Multiplexer
September 22, 2017
More results

Similar Description - 8S89834AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89834I IDT-8S89834I Datasheet
315Kb / 18P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to- LVPECL/ECL Clock Multiplexer
logo
Integrated Circuit Syst...
ICS889834 ICST-ICS889834 Datasheet
193Kb / 7P
   LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
8S89834I RENESAS-8S89834I Datasheet
649Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-toLVPECL/ECL Clock Multiplexer
September 22, 2017
logo
Integrated Device Techn...
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
   Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
   Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
   Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com