Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FG108DGLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9FG108DGLF
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG108DGLF Datasheet(HTML) 4 Page - Integrated Device Technology

  9FG108DGLF Datasheet HTML 1Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 2Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 3Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 4Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 5Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 6Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 7Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 8Page - Integrated Device Technology 9FG108DGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IDTTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1542E 12/16/10
ICS9FG108D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
4
Pin Description (continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
DIF_STOP#
IN
Active low input to stop differential output clocks.
26
vSPREAD
IN
Asynchronous, active high input to enable spread spectrum functionality. This pin has
a 120Kohm pull down resistor.
27
^SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. This pin has an internal 120kohm
pull up resistor.
1 = 14.31818 MHz, 0 = 25 MHz
28
vOE_3
IN
Active high input for enabling output 3. This pin has an internal 120kohm pull down
resistor.
0 = tri-state outputs, 1= enable outputs
29
DIF_3#
OUT
0.7V differential Complementary clock output
30
DIF_3
OUT
0.7V differential true clock output
31
VDD
PWR
Power supply, nominal 3.3V
32
DIF_2#
OUT
0.7V differential Complementary clock output
33
DIF_2
OUT
0.7V differential true clock output
34
^OE_2
IN
Active high input for enabling output 2. This pin has in internal 120kohm pull up
resistor.
0 = tri-state outputs, 1= enable outputs
35
GND
PWR
Ground pin.
36
VDD
PWR
Power supply, nominal 3.3V
37
^OE_1
IN
Active high input for enabling output 1. This pin has an internal 120kohm pull up
resistor.
0 = tri-state outputs, 1= enable outputs
38
DIF_1#
OUT
0.7V differential Complementary clock output
39
DIF_1
OUT
0.7V differential true clock output
40
VDD
PWR
Power supply, nominal 3.3V
41
DIF_0#
OUT
0.7V differential Complementary clock output
42
DIF_0
OUT
0.7V differential true clock output
43
vOE_0
IN
Active high input for enabling output 0. This pin has an internal 120kohm pull down
resistor.
0 = tri-state outputs, 1= enable outputs
44
vFS1
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
45
vFS0
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
46
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs.
This pin requires a fixed precision resistor tied to ground in order to establish the
appropriate current. 475 ohms is the standard value.
47
GNDA
PWR
Ground pin for the PLL core.
48
VDDA
PWR
3.3V power for the PLL core.
Note:
^ indicates internal 120K pull up
v indicates internal 120K pull down


Similar Part No. - 9FG108DGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FG108E RENESAS-9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFILF RENESAS-9FG108EFILF Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFILFT RENESAS-9FG108EFILFT Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFLF RENESAS-9FG108EFLF Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG108EFLFT RENESAS-9FG108EFLFT Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
More results

Similar Description - 9FG108DGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com