Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FG1201HFLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FG1201HFLFT
Description  Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG1201HFLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9FG1201HFLFT Datasheet HTML 1Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 2Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 3Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 4Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 5Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 6Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 7Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 8Page - Integrated Device Technology 9FG1201HFLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ICS9FG1201H
IDTTM/ICSTM
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
1371F — 09/23/09
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, &
FBD
DATASHEET
1
Description
The ICS9FG1201H follows the Intel DB1200G Rev 1.0 Differential
Buffer Specification. This buffer provides 12 output clocks for CPU
Host Bus, PCI-Express, or Fully Buffered DIMM applications. The
outputs are configured with two groups. Both groups (DIF 9:0) and
(DIF 11:10) can be equal to or have a gear ratio to the input clock. A
differential CPU clock from a CK410B or CK410B+ main clock
generator, such as the ICS932S421, drives the ICS9FG1201. The
ICS9FG1201H
can provide outputs up to 400MHz
Key Specifications
DIF output cycle-to-cycle jitter < 50ps
DIF output-to-output skew < 50ps within a group
DIF output-to-output skew < 100ps across all outputs
56-pin SSOP/TSSOP package
RoHS compliant packaging
Features/Benefits
Drives 2 channels of 4 FBDIMMs (total of 8 FBDIMMs)
Power up default is all outputs in 1:1 mode
DIF_(9:0) can be “gear-shifted” from the input CPU Host
Clock
DIF_(11:10) can be “gear-shifted” from the input CPU Host
Clock
Spread spectrum compatible
Supports output clock frequencies up to 400 MHz
8 Selectable SMBus addresses
SMBus address determines PLL or Bypass mode
Functional Block Diagram
STOP
LOGIC
CLK_IN
CLK_IN#
DIF(9:0)
CONTROL
LOGIC
HIGH_BW#
SMB_A2_PLLBYP#
SMBDAT
SMBCLK
VTT_PWRGD#/PD
SPREAD
COMPATIBLE
PLL
10
IREF
OE(9:0)#
10
SMB_A0
SMB_A1
FS_A_410
STOP
LOGIC
DIF(11:10)
2
OE#
GEAR
SHIFT
LOGIC
SPREAD
COMPATIBLE
PLL
GEAR
SHIFT
LOGIC


Similar Part No. - 9FG1201HFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FG1201HFLFT RENESAS-9FG1201HFLFT Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results

Similar Description - 9FG1201HFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
ICS9FG1200D-1 RENESAS-ICS9FG1200D-1 Datasheet
350Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2 & FBD
2019
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
ICS9FG1200D-1 IDT-ICS9FG1200D-1 Datasheet
292Kb / 23P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com