Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P49EE602NLGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5P49EE602NLGI8
Description  VERSACLOCK짰 LOW POWER CLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49EE602NLGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  5P49EE602NLGI8 Datasheet HTML 1Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 2Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 3Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 4Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 5Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 6Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 7Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 8Page - Integrated Device Technology 5P49EE602NLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
IDT5P49EE602
VERSACLOCK® LOW POWER CLOCK GENERATOR
EEPROM CLOCK GENERATOR
IDT™ VERSACLOCK® LOW POWER CLOCK GENERATOR
3
IDT5P49EE602 REV C 061110
Pin Assignment
Pin Descriptions
Pin Name
Pin #
I/O
Pin Type
Pin Description
OUT3
1
O
Adjustable
Configurable clock output 3. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
OUT2
2
O
Adjustable
Configurable clock output 2. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
SEL0
3
I
LVTTL
Configuration select pin. Weak internal pull down resistor.
VDDO1
4
Power
Device power supply. Connect to 1.8 to 3.3V. Using register
settings, select output voltage levels for OUT0-OUT4. VDDO1
must be greater than or equal to both VDDO2 and VDDO3.
X132k
5
I
LVTTL
32kHz CRYSTAL_IN -- Reference crystal input
X232k
6
O
LVTTL
32kHz CRYSTAL_OUT -- Reference crystal feedback.
VDDx
7
Power
Crystal oscillator power supply. Connect to 1.8V. Use filtered
analog power supply if available.
GND
8
Power
Connect to Ground.
VDD
9
Power
Device power supply. Connect to 1.8V.
VDDO2
10
Power
Device power supply. Connect to 1.8 to 3.3V. Using register
settings, select output voltage levels for OUT0-OUT3. VDDO2
must be equal or less than VDDO1.
OUT1
11
O
Adjustable
Configurable clock output 1. Single-ended output voltage levels
are register controlled by either VDDO1, VDDO2 or VDDO3.
SEL1
12
I
LVTTL
Configuration select pin. Weak internal pull down resistor.
1
7
24- pin QFN
19
13
SEL0
VDDO1
VDD
X232k
X132k
OUT2
GND
OUT3
OUT0
VDDO3
SCLK
OUT4B


Similar Part No. - 5P49EE602NLGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE602NLGI8 IDT-5P49EE602NLGI8 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Renesas Technology Corp
5P49EE602NLGI8 RENESAS-5P49EE602NLGI8 Datasheet
452Kb / 27P
   VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111814
More results

Similar Description - 5P49EE602NLGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE801 IDT-IDT5P49EE801 Datasheet
465Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE502 IDT-IDT5P49EE502 Datasheet
241Kb / 26P
   VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Pericom Semiconductor C...
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
   VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
   VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
   Low Power High Integration Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com