Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V19EE904NLGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 5V19EE904NLGI
Description  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V19EE904NLGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 5V19EE904NLGI Datasheet HTML 4Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 5Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 6Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 7Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 8Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 9Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 10Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 11Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
IDT5V19EE904
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
8
IDT5V19EE904
REV G 022310
SS_OFFSET[5:0]
These bits are used to program the fractional offset with
respect to the nominal M integer value. For center spread,
the SS_OFFSET is set to '0' so that the spread spectrum
waveform is centered about the nominal M (Mnom) value.
For down spread, the SS_OFFSET > '0' such the spread
spectrum waveform is centered about the (Mideal -1
+SS_Offset) value. The downspread percentage can be
thought of in terms of center spread. For example, a
downspread of -1% can also be considered as a center
spread of ±0.5% but with Mnom shifted down by one and
offset. The SS_OFFSET has integer values ranging from 0
to 63.
SD[3:0]
These bits are used to shape the profile of the spread
spectrum waveform. These are delta-encoded samples of
the waveform. There are twelve sets of SD samples. The
NSSC bits determine how many of these samples are used
for the waveform. The sum of these delta-encoded samples
(sigma delta- encoded samples) determine the amount of
spread and should not exceed (63 - SS_OFFSET). The
maximum spread is inversely proportional to the nominal M
integer value.
DITH
This bit is used for dithering the sigma-delta-encoded
samples. This will randomize the least-significant bit of the
input to the spread spectrum modulator. Set the
bit to '1' to
enable dithering.
X2
This bit will double the total value of the
sigma-delta-encoded-samples which will increase the
amplitude of the spread spectrum waveform by a factor of
two. When X2 is '0', the amplitude remains nominal but if set
to '1', the amplitude is increased by x2. The following
equations govern how the spread spectrum is set:
TSSC = TSSC[3:0] + 2 (Eq. 2)
NSSC = NSSC[2:0] * 2 (Eq. 3)
SD[3:0]K = SJ+1(unencoded) - SJ(unencoded) (Eq. 4)
where SJ is the unencoded sample out of a possible 12 and
SDK is the delta-encoded sample out of a possible 12.
Amplitude = ((2*N[11:0] + A[3:0] + 1) * Spread% / 100) /2
(Eq. 5)
if 1 < Amplitude < 2, then set X2 bit to '1'.
Modulation frequency:
FPFD = FIN / D (Eq. 6)
FVCO = FPFD * MNOM (Eq. 7)
FSSC = FPFD / (4 * Nssc * Tssc) (Eq. 8)
Spread:
Σ∆ = SD0 + SD1 + SD2 + …+ SD11
the number of samples used depends on the NSSC value
Σ∆< 63 - SS_OFFSET
±Spread% =
(
Σ∆ * 100)/(64 * (2*N[11:0] + A[3:0] + 1) (Eq. 9)
±Max Spread% / 100 = 1 / MNOM or 2 / MNOM (X2=1)


Similar Part No. - 5V19EE904NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V19EE904NLGI RENESAS-5V19EE904NLGI Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
5V19EE904NLGI8 RENESAS-5V19EE904NLGI8 Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results

Similar Description - 5V19EE904NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V19EE603 RENESAS-IDT5V19EE603 Datasheet
487Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V19EE903 IDT-IDT5V19EE903 Datasheet
369Kb / 31P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE901 IDT-IDT5V19EE901 Datasheet
736Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE403 RENESAS-IDT5V19EE403 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
IDT5V19EE901 RENESAS-IDT5V19EE901 Datasheet
547Kb / 36P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE404 RENESAS-IDT5V19EE404 Datasheet
478Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE902 RENESAS-IDT5V19EE902 Datasheet
536Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
logo
Integrated Device Techn...
IDT5V19EE902 IDT-IDT5V19EE902 Datasheet
381Kb / 34P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE604 RENESAS-IDT5V19EE604 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com